Electronic Components Datasheet Search
  English  ▼

X  

8650 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8650
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8650 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8650 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Type 8650
7 | 16
Visit product website 
3.
Approvals and conformities
3.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available versions can be supplied with the below mentioned approvals or conformities.
3.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
3.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
3.4. Explosion protection
Approval
Description
Optional: Explosion protection
As a category 3 device suitable for zone 1 and zone 2 (optional).
ATEX:
BVS 21 ATEX E 013 X
II 2G Ex be ib IIC T4 Gb
IECEx:
IECEx BVS 21.0013 X
Ex be ib IIC T4 Gb
4.
Materials
4.1. Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com