Electronic Components Datasheet Search
  English  ▼

X  

8650 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8650
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8650 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8650 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8650 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Visit product website 
DATA SHEET
Type 8030
Inline flowmeter for
continuous measure-
ments
Type 6519
Servo-assisted 3/2, 5/2
or 5/3-way solenoid valve
for pneumatics
Type 2012
Pneumatically operated
2/2 way globe valve
CLASSIC
Type 2000
Pneumatically operated
2/2 way angle seat valve
CLASSIC
Type 6524
3/2-way or 2 x 3/2-way
solenoid valve for
pneumatic applications
Type 6525
5/2-way solenoid valve
for pneumatic applica-
tions
Standard | EU | en | 2024-02-02 | 13
AirLINE Ex – electropneumatic automation system for use
in potentially explosive areas
• For use in potentially explosive areas (Zone 1/21)
• Developed in cooperation with Siemens
• Electrical connection via PROFIBUS® DP-is, electrical I/O functions via
Siemens SIMATIC ET 200 iSP™ module
• NEW REV.2 makes new integrable functions like pressure sensor or
pressure switch possible
AirLINE Ex Type 8650 is a modular electrical and pneumatic automation system
that controls complex processes in potentially explosive areas (Zones 1/21). The
protection class “intinsically safe” (Ex i) of electronic modules and valves allows
modules to be replaced during operation. With the modules of the cooperation
partner Siemens, Bürkert offers electrical, analogue and digital I/O functions for
use in Zone 0.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8650
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8650

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8650 ETC2-8650 Datasheet
439Kb / 1P
LED LENS CAPS
logo
Keystone Electronics Co...
8650 KEYSTONE-8650 Datasheet
439Kb / 1P
LED LENS CAPS & HOLDERS
31-07 20th
logo
Littelfuse
86500001009 LITTELFUSE-86500001009 Datasheet
536Kb / 2P
860/862 Series Enclosed Fuseholders for 5횞20mm and 6.2x32mm Fuses
Revised: 05/17/21
86500001009 LITTELFUSE-86500001009  Datasheet
530Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Panel/Circuit Board Mounted
05/17/21
logo
Molex Electronics Ltd.
8650105 MOLEX11-8650105 Datasheet
85Kb / 1P
KK (2.54) /.100 ANTI-FISH HOOKING TERMINAL 22-30 AWG
More results

Similar Description - 8650

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NCT DBLECTRO-NCT_07 Datasheet
586Kb / 3P
Suitable for automobile, automation system,electronicequipment
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
Suitable for household electrical appliances, automation system
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
This series is for use in hazardous areas This is suitable for use in water
logo
OSRAM GmbH
LRTBGRUG OSRAM-LRTBGRUG Datasheet
905Kb / 26P
video walls in outdoor areas
logo
PHOENIX CONTACT
RAD-ISM-2400-ANT-OMNI-6-0 PHOENIX-RAD-ISM-2400-ANT-OMNI-6-0 Datasheet
115Kb / 4P
For use in potentially explosive areas
logo
Omron Electronics LLC
G3RV-C1D2 OMRON-G3RV-C1D2 Datasheet
1Mb / 16P
Slimmest Industrial Plug-in SSR for Use in Class I Division 2 Hazardous Areas
logo
PHOENIX CONTACT
5156043 PHOENIX-5156043 Datasheet
362Kb / 10P
1-Phase Power Supply, Primary Switch Mode for Use in Potentially Explosive Areas
5156069 PHOENIX-5156069 Datasheet
346Kb / 10P
1-Phase Power Supply, Primary Switch Mode for Use in Potentially Explosive Areas
logo
Festo Corporation.
5237644 FESTO-5237644 Datasheet
100Kb / 1P
Automation system
logo
Schneider Electric
IMT31A SCHNEIDER-IMT31A Datasheet
120Kb / 2P
Magnetic flow transmitter - mid-tier,certified for use in hazardous areas
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com