Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments CC1352P Datasheet HTML 26Page - Texas Instruments CC1352P Datasheet HTML 27Page - Texas Instruments CC1352P Datasheet HTML 28Page - Texas Instruments CC1352P Datasheet HTML 29Page - Texas Instruments CC1352P Datasheet HTML 30Page - Texas Instruments CC1352P Datasheet HTML 31Page - Texas Instruments CC1352P Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
CS
(inverted)
CS
tCS, LEAD
tCS, ACC
tCS, LAG
tCS, DIS
tSU,PI
tHD,PI
tVALID,PO
tHD,PO
SCLK
(SPO = 0)
PICO
SCLK
(SPO = 1)
POCI
1 / fSPI
tSCLK_H/L
tSCLK_H/L
Peripheral Mode, SPH = 1
Figure 7-4. SPI Timing Diagram - Peripheral Mode, SPH = 1
7.18.3 I2C
7.18.3.1 I2C
Over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCL
SCL clock frequency
0
400
kHz
tHD,STA Hold time (repeated) START
fSCL = 100kHz
4.0
µs
tHD,STA Hold time (repeated) START
fSCL > 100kHz
0.6
µs
tSU,STA
Setup time for a repeated
START
fSCL = 100kHz
4.7
µs
tSU,STA
Setup time for a repeated
START
fSCL > 100kHz
0.6
µs
tHD,DAT Data hold time
0
µs
tSU,DAT Data setup time
fSCL = 100kHz
250
ns
tSU,DAT Data setup time
fSCL > 100kHz
100
ns
tSU,STO Setup time for STOP
fSCL = 100kHz
4.0
µs
tSU,STO Setup time for STOP
fSCL > 100kHz
0.6
µs
tBUF
Bus free time between STOP
and START conditions
fSCL = 100kHz
4.7
µs
tBUF
Bus free time between STOP
and START conditions
fSCL > 100kHz
1.3
µs
tSP
Pulse duration of spikes
supressed by input deglitch filter
50
ns
CC2340R2
SWRS282 – FEBRUARY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CC2340R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com