Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments CC1352P Datasheet HTML 15Page - Texas Instruments CC1352P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
Table 6-4. RGE (QFN24) Peripheral Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
Pin No.
PIN
TYPE
SIGNAL
DIRECTION
DESCRIPTION
QFN24
I2C
I2C0_SCL
8
I/O
I/O
I2C clock data
12
19
I2C0_SDA
3
I/O
I/O
I2C data
5
7
LRF Digital
Output
LRFD0
4
I/O
O
LRF digital output 0
14
LRFD1
10
LRF digital output 1
15
LRFD2
19
LRF digital output 2
Power
VDDR
2
—
—
Internal supply
20
VDDS
11
—
—
1.71-V to 3.8V DIO supply
18
24
VDDD
16
—
—
For decoupling of internal 1.28-V regulated core-supply.
DCDC
17
—
—
Switching node of internal DC/DC converter
Reset
RSTN
13
—
—
Global main device reset (active low)
RF
ANT
1
50 ohm RF port
SPI
SPI0SCLK
3
I/O
I/O
SPI clock
8
12
SPI0POCI
4
I/O
I/O
SPI POCI
5
6
9
10
SPI0CSN
4
I/O
I/O
SPI chip select
19
SPI0PICO
5
I/O
I/O
SPI PICO
6
7
15
SWD
SWDIO
7
I/O
I/O
JTAG/SWD TCK. Reset default pinout.
SWDCK
8
I/O
I
JTAG/SWD TMS. Reset default pinout.
CC2340R2
SWRS282 – FEBRUARY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CC2340R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com