Electronic Components Datasheet Search
  English  ▼

X  

INA500CIDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # INA500CIDBVR
Description  INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA500CIDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA500CIDBVR Datasheet HTML 17Page - Texas Instruments INA500CIDBVR Datasheet HTML 18Page - Texas Instruments INA500CIDBVR Datasheet HTML 19Page - Texas Instruments INA500CIDBVR Datasheet HTML 20Page - Texas Instruments INA500CIDBVR Datasheet HTML 21Page - Texas Instruments INA500CIDBVR Datasheet HTML 22Page - Texas Instruments INA500CIDBVR Datasheet HTML 23Page - Texas Instruments INA500CIDBVR Datasheet HTML 24Page - Texas Instruments INA500CIDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5V, VIN = (VIN+ – VIN–) = 0V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2 =
VS / 2, VOUT = VS / 2 and G = 1 (unless otherwise noted)
Capacitive Load (pF)
0
100
200
300
400
500
600
700
800
900 1000
5
10
15
20
25
30
35
40
45
50
TR03
RISO = 0:, Overshoot (+)
RISO = 0:, Overshoot (-)
RISO = 50:, Overshoot (+)
RISO = 50:, Overshoot (-)
VS = 5.5V
G = 1
VOUT = 100mVPP
Figure 6-61. Small-Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
0
100
200
300
400
500
600
700
800
900 1000
0
5
10
15
20
25
30
35
40
45
50
55
60
TR02
RISO = 0:, Overshoot (+)
RISO = 0:, Overshoot(-)
RISO = 50:, Overshoot (+)
RISO = 50:, Overshoot(-)
VS = 5.5V
G = 0.5
VOUT = 100mVPP
Figure 6-62. Small-Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
0
100
200
300
400
500
600
700
800
900 1000
0
5
10
15
20
25
30
35
40
45
50
55
60
TR01
RISO = 0:, Overshoot (+)
RISO = 0:, Overshoot(-)
RISO = 50:, Overshoot (+)
RISO = 50:, Overshoot(-)
VS = 5.5V
G = 0.25
VOUT = 100mVPP
.
Figure 6-63. Small-Signal Overshoot vs Capacitive Load
Time (200 µs/div)
-4
-3
-2
-1
0
1
2
3
4
TR10
VIN
VOUT
V+ = 2.75V
V– = –2.75V
G = 1
VIN = 6VPP
Figure 6-64. Over-Load Recovery
Time (500 µs/div)
-4
-3
-2
-1
0
1
2
3
4
TR11
VIN
VOUT
V+ = 2.75V
V– = –2.75V
G = 1
VIN = 6VPP
Figure 6-65. No Phase Reversal
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-12
-8
-4
0
4
8
12
16
20
24
28
D07_
V+ = 5.5V
V– = 0V G = 0.25
VREF = 0V
Figure 6-66. Input Common-Mode Voltage vs Output Voltage
(High CMRR Region)
www.ti.com
INA500
SBOSAI9B – DECEMBER 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com