Electronic Components Datasheet Search
  English  ▼

X  

INA500CIDBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # INA500CIDBVR
Description  INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA500CIDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA500CIDBVR Datasheet HTML 3Page - Texas Instruments INA500CIDBVR Datasheet HTML 4Page - Texas Instruments INA500CIDBVR Datasheet HTML 5Page - Texas Instruments INA500CIDBVR Datasheet HTML 6Page - Texas Instruments INA500CIDBVR Datasheet HTML 7Page - Texas Instruments INA500CIDBVR Datasheet HTML 8Page - Texas Instruments INA500CIDBVR Datasheet HTML 9Page - Texas Instruments INA500CIDBVR Datasheet HTML 10Page - Texas Instruments INA500CIDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
6.6 Electrical Characteristics - INA500B
For VS = (V+) – (V–) = 1.7V to 5.5V (±0.85V to ±2.75V) at TA = 25°C, VMID = [(V+) + (V–)] / 2, G = 0.5, VREF = VMID, RL =
100kΩ connected to VMID, VCM = [(VIN+) + (VIN–)] / 2 = VMID, VIN = (VIN+) – (VIN–) = 0V and VOUT = VMID (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET
VOSO
Offset voltage, RTO
VS = 5.5V
TA = 25°C
±0.50
±2.6
mV
Offset voltage over T,
RTO
VS = 5.5V
TA = –40°C to 125°C
±2.7
mV
Offset temp drift, RTO(1)
VS = 5.5V
TA = –40°C to 125°C
±1.4
6.6
µV/°C
PSRR
Power-supply rejection
ratio
VS = 1.7V to 5.5V
TA = 25°C
40
150
µV/V
INPUT IMPEDANCE
RIN-DM
Differential Resistance
2880
kΩ
RIN-CM
Common-mode
Resistance
1080
kΩ
INPUT VOLTAGE
VCM
Input common-mode
Range
VREF = VMID
3*(V–) –
2*(VREF)
3*(V+) –
2*(VREF)
V
CMRR
DC
Common-mode rejection
ratio, RTO
VCM = [3*(V–) –
2*(VREF)] to [3*(V+) – 2*(VREF) – 2.1]
VS = 5.5V, VREF = VMID
77
89
dB
CMRR
DC
Common-mode rejection
ratio, RTO
VCM = [3*(V–) –
2*(VREF)] to [3*(V+) – 2*(VREF)]
VS = 5.5V, VREF = VMID
62
79
dB
NOISE VOLTAGE
eNI
Output voltage noise
density
f = 1kHz
200
nV/√Hz
f = 10kHz
190
ENI
Output voltage noise
fB = 0.1Hz to 10Hz
7.5
µVPP
GAIN
GE
Gain error(2)
VREF = VMID
VO = (V–) + 0.1V to
(V+) – 0.1V
±0.003
±0.075
%
Gain drift vs
temperature(2)
G = 0.5
TA = –40°C to 125°C
±1
ppm/°C
OUTPUT
VOH
Positive rail headroom
RL = 10kΩ to VMID
10
25
mV
VOL
Negative rail headroom
RL = 10kΩ to VMID
8
20
mV
CL Drive Load capacitance drive
VO = 100mV step, Overshoot < 20%
120
pF
ZO
Closed-loop output
impedance
f = 10kHz
165
Ω
ISC
Short-circuit current
VS = 5.5V
±35
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3dB
VIN = 10mVpk-pk
135
kHz
THD + N
Total harmonic distortion +
noise
VS = 5.5V, VCM = 2.75V, VO = 1VRMS, RL = 100kΩ
ƒ = 1kHz, 80kHz measurement BW
0.017
%
EMIRR
Electro-magnetic
interference rejection ratio
f = 1GHz, VIN_EMIRR = 100mV
95
dB
SR
Slew rate
VS = 5V, VO = 2V step
0.18
V/µs
tS
Settling time
To 0.1%, VS = 5.5V, VSTEP = 2V, CL = 10pF
21
µs
To 0.01%, VS = 5.5V, VSTEP = 2V, CL = 10pF
34
Settling time
To 0.1%, VS = 5.5V, VOUT_STEP = 4V, CL = 10pF
30
To 0.01%, VS = 5.5V, VOUT_STEP = 4V, CL = 10pF
45
Overload recovery
VSTEP = VS / G
24
µs
REFERENCE INPUT
REF -
VIN
Input voltage range
VS = 5.5V
(V–)
(V+)
V
REF - G Reference gain to output
1
V/V
www.ti.com
INA500
SBOSAI9B – DECEMBER 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com