Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT240DBR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT240DBR
Description  SNx4ACT240 Octal Buffers or Drivers with 3-State Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT240DBR Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74ACT240DBR Datasheet HTML 17Page - Texas Instruments SN74ACT240DBR Datasheet HTML 18Page - Texas Instruments SN74ACT240DBR Datasheet HTML 19Page - Texas Instruments SN74ACT240DBR Datasheet HTML 20Page - Texas Instruments SN74ACT240DBR Datasheet HTML 21Page - Texas Instruments SN74ACT240DBR Datasheet HTML 22Page - Texas Instruments SN74ACT240DBR Datasheet HTML 23Page - Texas Instruments SN74ACT240DBR Datasheet HTML 24Page - Texas Instruments SN74ACT240DBR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
www.ti.com
PACKAGE OUTLINE
C
18X 0.65
2X
5.85
20X
0.38
0.22
8.2
7.4
TYP
SEATING
PLANE
0.05 MIN
0.25
GAGE PLANE
0 -8
2 MAX
B
5.6
5.0
NOTE 4
A
7.5
6.9
NOTE 3
0.95
0.55
(0.15) TYP
SSOP - 2 mm max height
DB0020A
SMALL OUTLINE PACKAGE
4214851/B 08/2019
1
10
11
20
0.1
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-150.
A 15
DETAIL A
TYPICAL
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com