Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT240DBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT240DBR
Description  SNx4ACT240 Octal Buffers or Drivers with 3-State Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT240DBR Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT240DBR Datasheet HTML 1Page - Texas Instruments SN74ACT240DBR Datasheet HTML 2Page - Texas Instruments SN74ACT240DBR Datasheet HTML 3Page - Texas Instruments SN74ACT240DBR Datasheet HTML 4Page - Texas Instruments SN74ACT240DBR Datasheet HTML 5Page - Texas Instruments SN74ACT240DBR Datasheet HTML 6Page - Texas Instruments SN74ACT240DBR Datasheet HTML 7Page - Texas Instruments SN74ACT240DBR Datasheet HTML 8Page - Texas Instruments SN74ACT240DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
4 Pin Configuration and Functions
Figure 4-1. SN54ACT240 J or W Package;
SN74ACT240 DB, DGS, DW, N, NS, or PW Package,
(Top View)
Figure 4-2. SN54ACT240 FK Package (Top View)
1A1
2Y4
1A2
2Y3
1A3
2Y2
GND
2OE
1Y1
2A4
1Y2
2A3
2A1
1Y3
1OE
V
CC
2
3
4
5
6
7
10
19
18
17
16
15
14
11
1
20
1A4
2Y1
2A2
1Y4
9
13
12
8
PAD
Figure 4-3. SNx4ACT240 VQFN Package (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
1OE
1
I
Output enable 1
1A1
2
I
1A1 input
2Y4
3
O
2Y4 output
1A2
4
I
1A2 input
2Y3
5
O
2Y3 output
1A3
6
I
1A3 input
2Y2
7
O
2Y2 output
1A4
8
I
1A4 input
2Y1
9
O
2Y1 output
GND
10
—
Ground pin
2A1
11
I
2A1 input
1Y4
12
O
1Y4 output
2A2
13
I
2A2 input
1Y3
14
O
1Y3 output
2A3
15
I
2A3 input
1Y2
16
O
1Y2 output
2A4
17
I
2A4 input
1Y1
18
O
1Y1 output
www.ti.com
SN54ACT240, SN74ACT240
SCAS515G – JUNE 1995 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54ACT240 SN74ACT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com