Electronic Components Datasheet Search
  English  ▼

X  

B59053 Datasheet(PDF) 1 Page - EPCOS

Part # B59053
Description  Heating Elements Metallized Round Disks, 230 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59053 Datasheet(HTML) 1 Page - EPCOS

  B59053 Datasheet HTML 1Page - EPCOS B59053 Datasheet HTML 2Page - EPCOS B59053 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
204 10/02
Applications
I Home appliances
– doorlock for washing machines
– thermal actuators
– insecticide and perfume vaporizers
Features
I Silver metallization
I Suitable for clamp contacting
I Self-regulating
Options
Other dimensions and ratings on request
Delivery mode
Packed in deep-drawn trays
Dimensional drawing
General technical data
Max. operating voltage
Vmax
Rated voltage
VN
Breakdown voltage
(TA = 25 °C)
VBD
Operating temperature range (V = 0)
Top
(V = VN; TRef ≤ 60 °C)
Top
(V = VN; TRef > 60 °C)
Top
Resistance tolerance
∆RN
Curvature
265
230
500
– 40/+ 200
– 40/+ 60
– 40/+ 100
± 35 %
< 0,2
VAC
VAC
V
°C
°C
°C
mm
Dimensions (mm)
Termination
B59053
A 53
Metallized Round Disks, 230 V
Heating Elements


Similar Part No. - B59053

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59053 EPCOS-B59053 Datasheet
213Kb / 8P
PTC thermistors as heating elements
B59053 EPCOS-B59053 Datasheet
71Kb / 8P
PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010 Datasheet
213Kb / 8P
PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010 Datasheet
71Kb / 8P
PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010_12 Datasheet
71Kb / 8P
PTC thermistors as heating elements
More results

Similar Description - B59053

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59060 EPCOS-B59060 Datasheet
82Kb / 3P
Metallized Round Disks, 12 V Heating Elements
B59062 EPCOS-B59062 Datasheet
78Kb / 3P
Metallized Round Disks, 42 V Power Net Heating Elements
B59044 EPCOS-B59044 Datasheet
62Kb / 3P
Heating Elements Metallized Rectangular Disks, 42 V Power Net
B59065 EPCOS-B59065 Datasheet
82Kb / 3P
Heating Elements Metallized Round Disks, 230 V
B59101 EPCOS-B59101 Datasheet
68Kb / 4P
Heating Elements Metallized Rectangular Disks, 230 V
B59053A0110A010 EPCOS-B59053A0110A010 Datasheet
213Kb / 8P
PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010_12 Datasheet
77Kb / 8P
PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010_12 Datasheet
71Kb / 8P
PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010_12 Datasheet
73Kb / 8P
PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010_12 Datasheet
89Kb / 9P
PTC thermistors as heating elements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com