Electronic Components Datasheet Search
  English  ▼

X  

B59053 Datasheet(PDF) 2 Page - EPCOS

Part # B59053
Description  Heating Elements Metallized Round Disks, 230 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59053 Datasheet(HTML) 2 Page - EPCOS

  B59053 Datasheet HTML 1Page - EPCOS B59053 Datasheet HTML 2Page - EPCOS B59053 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
205 10/02
Electrical specifications and ordering codes
TRef
°C
Rmin
(V = VN)
Ω
Tsurf2)
(V = VN)
°C
RN
(Vmeas ≤ 1,5 V)
Ω
Ordering code
50
17501)
90
4200
B59053A0050A010
70
1400
105
4200
B59053A0070A010
90
1200
120
4200
B59053A0090A010
110
960
135
4200
B59053A0110A010
130
840
155
4200
B59053A0130A010
150
700
170
4200
B59053A0150A010
180
530
200
4200
B59053A0180A010
220
640
235
6000
B59053A0220A010
270
530
275
6000
B59053A0270A010
Characteristics (typical)
PTC resistance RPTC versus PTC temperature TPTC
(measured at low signal voltage)
1) T (RPTC = Rmin) < 25°C
2) Measured between points
0
PTC
R
PTC
T
TPT0307-I
Ω
10 3
10 4
10 5
10 6
7
10
10 8
10
10
50
100
150
200
˚C
50 ˚C
70 ˚C
110 ˚C
90 ˚C
Ref
T
B59053A0**0A010
0
PTC
R
PTC
T
TPT0308-R
50 100 150 200 250 300
˚C 400
220 ˚C
Ref
180 ˚C
150 ˚C
130 ˚C
T
3
10
4
10
5
10
6
10
7
10
8
Ω
10
B59053A0**0A010
270 ˚C
B59053
A 53
Metallized Round Disks, 230 V
Heating Elements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com