Electronic Components Datasheet Search
  English  ▼

X  

30KPA Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 30KPA
Description  GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

30KPA Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  30KPA Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 30KPA Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 30KPA Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 30KPA Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 30KPA Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N0126, Rev. E
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
30KPA SERIES
30KPA SERIES GLASS PASSIVATED
TRANSIENT VOLTAGE SUPPRESSOR
Notes: 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Mounted on copper pad area of 0.8” × 0.8” (20 × 20mm)
3. 8.3ms single half sine wave, or equivalent square, duty cycle=4 pulses per minute maximum.
Features
Mechanical Data
Circuit Diagram
Maximum Ratings and Thermal Characteristics@TA=25°C unless otherwise specified
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10x1000μs
Waveform(Note 1)
PPPM
30000
W
Peak Pulse Current on 10x1000μs
Waveform(Note 1)
IPPM
See Table 1
A
Steady State Power Dissipation at TL=75°C Lead
Lengths .375”, (9.5mm)(Note 2)
PM(AV)
8.0
W
Peak Forward Surge Current, 8.3ms Sine-Wave
Superimposed on Rated Load, (JEDEC
Method)(Note 3)
IFSM
400.0
A
Typical Thermal Resistance Junction to Lead
RθJL
8.0
°C/W
Typical Thermal Resistance Junction to Ambient
RθJA
40
°C/W
Operating Junction and Storage
Temperature Range
TJ,TSTG
-55 to 175
°C
Case: Molded Plastic over glass passivated junction
Terminals: Plated Axial leads , Solderable per
MIL-STD 750, Method 2026
Polarity: Color Band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight:2.1 grams(approx.)
P-600
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass Passivated Junction
30000W Peak Pulse Power Capability on 10/1000 μs
waveform
Voltage-28.0 to 400 Volts
Excellent Clamping Capability
Repetition rate (duty cycle): 0.05%
Low incremental surge resistance
Fast Response Time: typically less than 1.0 ps from
volts to BV
High temperature soldering guaranteed: 265℃/10
seconds/.375”, (9.5mm) lead length, 5lbs., (2.3kg) tension
This is a Pb − Free Device
All SMC Parts are Traceable to the Wafer Lot
Additional testing can be offered upon request


Similar Part No. - 30KPA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA LITTELFUSE-30KPA Datasheet
129Kb / 5P
Transient Voltage Suppression Diodes Axial Leaded - 30000W
30KPA LITTELFUSE-30KPA Datasheet
138Kb / 5P
Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
30KPA MERITEK-30KPA Datasheet
448Kb / 4P
Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
30KPA NJSEMI-30KPA Datasheet
157Kb / 3P
STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
logo
Ruilongyuan Electronics...
30KPA RUILON-30KPA Datasheet
904Kb / 7P
Transient Voltage Suppressors
More results

Similar Description - 30KPA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
P6KE ZOWIE-P6KE Datasheet
83Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
P4KE YEASHIN-P4KE_15 Datasheet
1Mb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
20KPA20A MDE-20KPA20A_13 Datasheet
81Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
30KPA28A MDE-30KPA28A_13 Datasheet
83Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA SMC-20KPA Datasheet
220Kb / 5P
GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
ICTE5.0 NJSEMI-ICTE5.0 Datasheet
158Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com