Electronic Components Datasheet Search
  English  ▼

X  

30KPA Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # 30KPA
Description  GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

30KPA Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  30KPA Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 30KPA Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 30KPA Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 30KPA Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 30KPA Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N0126, Rev. E
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
30KPA SERIES
For bidirectional type having VRWM of 40 volts and less, the IR limit is double.
For parts without A, the VBR is + 10% and Vc is 5% higher than with A parts
Electrical Characteristics @TA=25°C unless otherwise specified



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com