Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA849 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
8.2.1.2 Detailed Design Procedure
The first filter located at the input of the PGA (see Figure 8-1) helps reduce electromagnetic interference (EMI)
and radio frequency interference (RFI), high-frequency, extrinsic noise. This filter can be customized per the
application bandwidth and antialiasing requirements.
The second filter is provided by CFB in parallel with the PGA 5kΩ feedback resistors. The PGA resistors are
±15% absolute tolerance, as such, consider the effect of the tolerance on the filter cutoff frequency. CFB = 100pF
results in a filter cutoff frequency of 318kHz. On the high side of the resistor tolerance, the filter frequency
changes to 277kHz. The device allows for the flexibility to modify the CFB capacitor value to adjust bandwidth,
with a trade-off on the broadband noise of the circuit.
The third filter placed at the ADS8860 inputs works as a charge reservoir filter to drive the SAR. The
charge kickback filter reduces the instantaneous charge demand of the amplifier, maintaining low distortion
that otherwise can degrade because of incomplete ADC sample-and-hold settling. The RC filter combination
(RFIL, CDIFF) is tuned for ADC sample-and-hold settling and total harmonic distortion (THD) performance, while
maintaining stability of the PGA. High-grade C0G capacitors are used everywhere in the signal path for the low
distortion properties.
The PGA849 front-end, accounting for all three filters, provides a nominal f–3dB bandwidth of 310kHz. On the
high side of the internal 5kΩ feedback resistor tolerance, the PGA849 f–3dB bandwidth changes to 271kHz and
the circuit maintains –0.1dB flatness to 41kHz.
The ADS8860 requires a full-scale input in the range of 0V to the 5V ADC reference. The PGA849 REF pin is set
to a nominal voltage of 2.5V to shift the signal to the ADC midscale voltage.
The PGA849 REF voltage is generated by feeding the REF6250 5V reference through a 10kΩ-to-10kΩ precision
voltage divider implemented with ±0.05% tolerance, low-drift ±5ppm/°C resistors. Drive the PGA849 REF pin
with a low-impedance source, and use the OPA192 as a buffer to drive the REF pin.
The OPA192 buffer is configured in a dual-feedback configuration to provide stability while driving the REF pin
and 22nF bypass capacitor. RISO is a 20Ω isolation resistor that provides separation of two feedback paths for
optimized stability. Feedback path number one is through feedback resistor, RF = 2kΩ, connected directly to the
REF pin. Feedback path number two is through feedback capacitor CF = 2nF connected to the output of the op
amp. The circuit provides a loop gain phase margin of 86°. The noninverting input of the OPA192 buffer has
a low-pass filter with R = 1kΩ, C = 10nF to reduce the resistive divider thermal noise. Using any other load
capacitance requires recalculation of the stability components: RF, CF, and RISO. If modifying the REF bypass
capacitance, verify the circuit is stable with simulation using the OPA192 TINA-TI™ SPICE model, and confirm
the circuit provides more than 60° of phase margin.
PGA849
SBOSAG3 – MARCH 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com