Electronic Components Datasheet Search
  English  ▼

X  

AD7366 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7366 Datasheet HTML 7Page - Analog Devices AD7366 Datasheet HTML 8Page - Analog Devices AD7366 Datasheet HTML 9Page - Analog Devices AD7366 Datasheet HTML 10Page - Analog Devices AD7366 Datasheet HTML 11Page - Analog Devices AD7366 Datasheet HTML 12Page - Analog Devices AD7366 Datasheet HTML 13Page - Analog Devices AD7366 Datasheet HTML 14Page - Analog Devices AD7366 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
16000
14000
12000
10000
8000
6000
4000
2000
0
CODE
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
Figure 3. AD7367 Typical DNL
16000
14000
12000
10000
8000
6000
4000
2000
0
CODE
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
Figure 4. AD7367 Typical INL
–20
0
–40
–60
–80
–100
–120
–140
–160
FREQUENCY (kHz)
50000
0
5000
10000 15000 20000 25000 30000 35000 40000 45000
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS, fIN = 50kHz
INTERNAL REFERENCE
SNR = 76dB, SINAD = 73dB
Figure 5. AD7367 FFT
–76
–78
–80
–86
–84
–82
10
100
1000
ANALOG INPUT FREQUENCY (kHz)
±10V RANGE
±5V RANGE
0V TO 10V RANGE
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS
INTERNAL REFERENCE
Figure 6. THD vs. Analog Input Frequency
–66
–81
–76
–71
–86
10
100
1000
ANALOG INPUT FREQUENCY (kHz)
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS
INTERNAL REFERENCE
±5V RANGE
RIN = 5100Ω
RIN = 3000Ω
RIN = 3900Ω
RIN = 470Ω
RIN = 2000Ω
RIN = 1300Ω
RIN = 240Ω
RIN = 56Ω
Figure 7. THD vs. Analog Input Frequency for Various Source Impedances
77
69
71
73
75
67
10
100
1000
ANALOG INPUT FREQUENCY (kHz)
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS
INTERNAL REFERENCE
±10V RANGE
0V TO 10V RANGE
±5V RANGE
Figure 8. SINAD vs. Analog Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com