Electronic Components Datasheet Search
  English  ▼

X  

AD7366 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7366 Datasheet HTML 13Page - Analog Devices AD7366 Datasheet HTML 14Page - Analog Devices AD7366 Datasheet HTML 15Page - Analog Devices AD7366 Datasheet HTML 16Page - Analog Devices AD7366 Datasheet HTML 17Page - Analog Devices AD7366 Datasheet HTML 18Page - Analog Devices AD7366 Datasheet HTML 19Page - Analog Devices AD7366 Datasheet HTML 20Page - Analog Devices AD7366 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 17 of 28
D
D
VDD
C2
R1
VIN0
VSS
C1
Figure 18. Equivalent Analog Input Structure
The AD7366/AD7367 can handle true bipolar input voltages.
The analog input can be set to one of three ranges: ±10 V, ±5 V,
or 0 V to 10 V. The logic levels on Pin RANGE0 and Pin RANGE1
determine which input range is selected as outlined in Table 8.
These range bits should not be changed during the acquisition
time prior to a conversion, but can change at any other time.
Table 8. Analog Input Range Selection
RANGE1
RANGE0
Range Selected
0
0
±10 V
0
1
±5 V
1
0
0 V to 10 V
1
1
Do not program
The AD7366/AD7367 require VDD and VSS dual supplies for the
high voltage analog input structures. These supplies must be
equal to or greater than ±11.5 V. See Table 7 for the require-
ments on these supplies. The AD7366/AD7367 require a low
voltage 4.75 V to 5.25 V AVCC supply to power the ADC core,
a 4.75 V to 5.25 V DVCC supply for digital power, and a 2.7 V
to 5.25 V VDRIVE supply for interface power.
Channel selection is made via the ADDR pin as shown in
Table 9. The logic level on the ADDR pin is latched on the
rising edge of the BUSY signal for the next conversion, not
the one in progress. When power is first supplied to the
AD7366/AD7367 the default channel selection is VA1 and VB1.
Table 9. Channel Selection
ADDR
Channels Selected
0
VA1, VB1
1
VA2, VB2
TRANSFER FUNCTION
The output coding of the AD7366/AD7367 is twos complement.
The designed code transitions occur at successive integer LSB
values (that is, 1 LSB, 2 LSB, and so on). The LSB size is dependent
on the analog input range selected. The ideal transfer charac-
teristic is shown in Figure 19.
Table 10. LSB Sizes for Each Analog Input Range
AD7366
AD7367
Input
Range
Full-Scale
Range
LSB Size
(mV)
Full-Scale
Range
LSB Size
(mV)
±10 V
20 V/4096
4.88
20 V/16384
1.22
±5 V
10 V/4096
2.44
10 V/16384
0.61
0 V to 10 V
10 V/4096
2.44
10 V/16384
0.61
+FSR/2 – 1LSB
ANALOG INPUT
0V
011...111
011...110
000...001
000...000
111...111
100...010
100...001
100...000
–FSR/2 + 1LSB
Figure 19. Transfer Characteristic
Track-and-Hold
The track-and-hold on the analog input of the AD7366/AD7367
allows the ADC to accurately convert an input sine wave of full-
scale amplitude to 12-/14-bit accuracy. The input bandwidth of
the track-and-hold is greater than the Nyquist rate of the ADC.
The AD7366/AD7367 can handle frequencies up to 35 MHz.
The track-and-hold enters its tracking mode once the BUSY
signal goes low after the CS falling edge. The time required to
acquire an input signal depends on how quickly the sampling
capacitor is charged. With zero source impedance, 140 ns is suffi-
cient to acquire the signal to the 12-bit for the AD7366 and the
14-bit level for the AD7367. The acquisition time for the ±10 V,
±5 V, and 0 V to +10 V ranges to settle to within ±½ LSB is
typically 140 ns. The ADC goes back into hold mode on the
falling edge of CNVST.
The acquisition time required is calculated using the following
formula:
tACQ = 10 × ((RSOURCE + R) C)
where:
C is the sampling capacitance.
R is the resistance seen by the track-and-hold amplifier looking
at the input.
RSOURCE should include any extra source impedance on the
analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com