Electronic Components Datasheet Search
  English  ▼

X  

S2303 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # S2303
Description  TVS ARRAY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S2303 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  S2303 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S2303 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S2303 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S2303 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0291, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S2303
THRU
S2336
S2303 THRU S2336 TVS ARRAY SERIES
Description
Schematic & Pin Configuration
Features
Mechanical Characteristics
Application
Absolute Maximum Ratings:
Parameter
Symbol
Value
Units
Peak Pulse Power, 8/20 μs Wave shape
P
300
W
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
VESD
±17
±12
kV
Operating Temperature
TJ
-55 to +125
C
Storage Temperature
Tstg
-55 to +150
C
Lead Soldering Temperature
TL
260 (10 Sec.)
C
The S23XX series of TVS array have been
designed to provide unidirectional or bidirectional
protection for sensitive electronics from damage
due to voltage transients caused by electrostatic
discharge (ESD), electrical fast transients (EFT),
secondary lightning and other voltage-induced
transient events. The device can be used to
protect 2 unidirectional or 1 bidirectional data line
or interface line.
SOT-23
Protects 3.3, 5, 12, 15, 24 , 36V Components
Unidirectional or Bidirectional
Low Leakage
Provides Electrically Isolated Protection
300 W @ 8/20 us
Protects 1 or 2 Lines
SOT-23 Packaging
“-A” is an AEC-Q101 qualified device
This is a Pb - Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOT-23 Surface Mount Package
Approximate Weight: 0.015 grams
PIN #1 Indicator: DOT on top of package
Packaging: Tape and Reel Per EIA 481
RS-232, RS-422 & RS-423
Cellular Handsets & Accessories
Universal Serial Bus (USB) Port Protection
Portable Electronics
LAN/WAN Equipment
Wireless Bus Protection


Similar Part No. - S2303

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
S2303 SMC-S2303 Datasheet
147Kb / 4P
SOT-23
More results

Similar Description - S2303

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMDA03C-G SENSITRON-SMDA03C-G Datasheet
103Kb / 3P
TVS ARRAY SERIES
logo
Shenzhen Luguang Electr...
SL03 LUGUANG-SL03 Datasheet
152Kb / 2P
TVS Array Series
logo
Bourns Electronic Solut...
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
TVS Diode Array Series
logo
Yea Shin Technology Co....
YSDA0502C YEASHIN-YSDA0502C Datasheet
786Kb / 3P
TVS ARRAY
logo
Bourns Electronic Solut...
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
TVS Diode Array Series
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com