Electronic Components Datasheet Search
  English  ▼

X  

S2303 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # S2303
Description  TVS ARRAY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S2303 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  S2303 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S2303 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S2303 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S2303 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0291, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S2303
THRU
S2336
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics@25°C
Part
Number
Device
Code
Stand-off
Voltage
Vwm
(V)
Max
Breakdo
wn
Voltage
VBR
@1mA
(V)
Min
Clampin
g
Voltage
Vc
@ 1 A
(V)
Max
Leakage
Current
IR
@ Vwm
(uA)
Max
Capacitan
ce
(f = 1MHz)
C@ 0V
(pF)
Pin 1-3
or 2-3
Max
Capacitance
(f = 1MHz)
C@ 0V
(pF)
Pin 1- 2
Max
S2303
03C
3.3
4
8
200
600
300
S2305
05C
5.0
6
10.8
20
400
200
S2312
12C
12.0
13.3
19
0.1
160
80
S2315
15C
15.0
16.7
25
0.1
130
65
S2324
24C
24.0
26.7
44
0.1
80
40
S2336
36C
36.0
40.0
60
0.1
50
28
Ratings and Characteristics Curves
Ordering Information
Marking Diagram
Device
Package
Shipping
S2303
THRU
S2336
SOT-23
(Pb-Free)
3000pcs / reel
S2303TR
THRU
S2336TR
SOT-23
(Pb-Free)
3000pcs / reel
Where 05C is S2305
05C
= Device Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com