Electronic Components Datasheet Search
  English  ▼

X  

SMDB03 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SMDB03
Description  TVS ARRAY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMDB03 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SMDB03 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMDB03 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMDB03 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMDB03 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0425, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMDB03
THRU
SMDB36
Circuit Diagram
Mechanical Dimensions SO-8
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
1.350
1.800
0.053
0.071
A1
0.100
0.250
0.004
0.010
A2
1.350
1.750
0.053
0.069
b
0.306
0.510
0.012
0.020
c
0.150
0.300
0.006
0.012
D
4.720
5.120
0.186
0.202
e
1.140
1.400
0.045
0.055
E
5.700
6.300
0.224
0.248
E1
3.750
4.150
0.148
0.163
L
0.300
1.270
0.012
0.050
θ
0°
8°
0°
8°
Carrier Tape Specification SO-8
The SMDBxx series of devices are designed to protect up to four
data lines. The devices are connected as follows:
✔
The SMDBxx are unidirectional devices and are designed for
use on line where the normal operating voltage is above
ground. Pins 1, 2, 3, and 4 are connected to the protected
lines. Pins 5, 6, 7, and 8 are connected to ground. The
ground connections should be made directly to the ground
plane for best results. The path length is kept as short as
possible to reduce the effects of parasitic inductance in the
board traces.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com