Electronic Components Datasheet Search
  English  ▼

X  

SMDB03 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SMDB03
Description  TVS ARRAY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMDB03 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SMDB03 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMDB03 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMDB03 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMDB03 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0425, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMDB03
THRU
SMDB36
SMDB03 THRU SMDB36 TVS ARRAY SERIES
Description
Schematic & Pin Configuration
Features
Mechanical Characteristics
Application
Absolute Maximum Ratings:
Parameter
Symbol
Value
Units
Peak Pulse Power, 8/20 μs Wave shape
P
500
W
Operating Temperature
TJ
-55 to +125
C
Storage Temperature
Tstg
-55 to +150
C
Lead Soldering Temperature
TL
260 (10 Sec.)
C
The SMDBXX series of TVS array have been
designed to provide unidirectional protection for
sensitive electronics from damage due to voltage
transients caused by electrostatic discharge
(ESD), electrical fast transients (EFT), lightning
and other voltage-induced transient events. The
device can be used to protect combinations of four
unidirectional lines.
SO-8
Protects 3.3, 5, 12, 15, 24, 36 V Components
Unidirectional
Provides Electrically Isolated Protection
500 W @ 8/20 us
Protects 4 Lines
SO-8 Packaging
“-A” is an AEC-Q101 qualified device
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
RS-232 data lines
Microprocessor Based Equipment
Notebooks, Desktops, & Servers
LAN/WAN Equipment
Serial and Parallel Port
Peripherals
SO-8 Surface Mount Package
Approximate Weight: 0.1 grams
PIN #1 Indicator: DOT on top of package
Packaging: Tubes or Tape & Reel per EIA
Standard 481


Similar Part No. - SMDB03

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDB03 MCC-SMDB03 Datasheet
143Kb / 2P
TVSarray Series
logo
Microsemi Corporation
SMDB03 MICROSEMI-SMDB03 Datasheet
103Kb / 2P
TVSarray Series
logo
SeCoS Halbleitertechnol...
SMDB03 SECOS-SMDB03 Datasheet
172Kb / 2P
Transient Voltage Suppressors
logo
Sangdest Microelectroni...
SMDB03 SMC-SMDB03 Datasheet
131Kb / 4P
SO-8
logo
Micro Commercial Compon...
SMDB03C MCC-SMDB03C Datasheet
143Kb / 2P
TVSarray Series
More results

Similar Description - SMDB03

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMDA03C-G SENSITRON-SMDA03C-G Datasheet
103Kb / 3P
TVS ARRAY SERIES
logo
Shenzhen Luguang Electr...
SL03 LUGUANG-SL03 Datasheet
152Kb / 2P
TVS Array Series
logo
Bourns Electronic Solut...
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
TVS Diode Array Series
logo
Yea Shin Technology Co....
YSDA0502C YEASHIN-YSDA0502C Datasheet
786Kb / 3P
TVS ARRAY
logo
Bourns Electronic Solut...
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
TVS Diode Array Series
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com