Electronic Components Datasheet Search
  English  ▼

X  

AT2.4G Datasheet(PDF) 3 Page - Yuechung International Corp.

Part # AT2.4G
Description  2.4GHz External Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

AT2.4G Datasheet(HTML) 3 Page - Yuechung International Corp.

  AT2.4G Datasheet HTML 1Page - Yuechung International Corp. AT2.4G Datasheet HTML 2Page - Yuechung International Corp. AT2.4G Datasheet HTML 3Page - Yuechung International Corp. AT2.4G Datasheet HTML 4Page - Yuechung International Corp. AT2.4G Datasheet HTML 5Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
YUECHUNG INTERNATIONAL CORP.
3
URL:http://www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
AT2.4G Series
3. Antenna - S Parameter Test Data
-70
-60
-50
-40
-30
-20
-10
0
10
0
1
Pb 0 dBm
Ch1fbStart 2 GHz
Stop 3 GHz
Trc1 S11 dB Mag 10 dB / Ref 0 dB
Cal
M1
M2
M3
2.400000
2.450000
2.500000
GHz
GHz
GHz
-19.291
-22.915
-20.036
dB
dB
dB
S11
M1
M2M3
-5
-2
-1
-0.5
0.5
1
2
5
0
0.2
0.5
1
2
1
2
Pb 0 dBm
Ch1fbStart 2 GHz
Stop 3 GHz
Trc2 S11 Smith Ref 1 U
Cal
•
M1
M2
M3
2.400000
2.450000
2.500000
GHz
GHz
GHz
40.456
j2.3017
152.64
48.940
j7.0114
455.47
58.508
j6.6954
426.24
Ω
Ω
pH
Ω
Ω
pH
Ω
Ω
pH
S11
M1M2M3
2
3
4
5
6
7
8
9
10
1
3
Pb 0 dBm
Ch1fbStart 2 GHz
Stop 3 GHz
Trc3 S11 SWR 1 U / Ref 1 U
Cal
M1
M2
M3
2.400000
2.450000
2.500000
GHz
GHz
GHz
1.2428
1.1539
1.2214
U
U
U
PASS Trc3
S11
M1M2M3
-5
-2
-1
-0.5
0.5
1
2
5
0
0.2
0.5
1
2
1
4
Pb 0 dBm
Ch1fbStart 2 GHz
Stop 3 GHz
Trc4 S11 InvSmith Ref 1 U
Cal
M1
M2
M3
2.400000
2.450000
2.500000
GHz
GHz
GHz
24.625
-j1.4031
47.262
20.008
-j2.8657
22.668
16.863
-j1.9203
33.153
mS
mS
nH
mS
mS
nH
mS
mS
nH
S11
M1M2M3
10/24/2015, 3:57 AM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com