Electronic Components Datasheet Search
  English  ▼

X  

AT2.4G Datasheet(PDF) 4 Page - Yuechung International Corp.

Part # AT2.4G
Description  2.4GHz External Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

AT2.4G Datasheet(HTML) 4 Page - Yuechung International Corp.

  AT2.4G Datasheet HTML 1Page - Yuechung International Corp. AT2.4G Datasheet HTML 2Page - Yuechung International Corp. AT2.4G Datasheet HTML 3Page - Yuechung International Corp. AT2.4G Datasheet HTML 4Page - Yuechung International Corp. AT2.4G Datasheet HTML 5Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
YUECHUNG INTERNATIONAL CORP.
4
URL:http://www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
AT2.4G Series
4. Antenna - Radiation Pattern Test Data
Frequency
2400
2410
2420
2430
2440
2450
2460
2470
2480
2490
2500
TRP (dBm)
-0.67
-0.66 -0.65
-0.69
-1
-0.79
-0.85
-0.79
-0.75
-0.93
-0.99
Peak EIRP
(dBm)
5.45
5.54
5.5
5.66
5.57
5.77
5.77
5.83
5.94
5.77
5.68
E-Theta Peak
Gain (dBi)
-16.7 -17.04 -17.4 -16.28 -17.45 -16.87 -19.06 -16.98 -18.24 -17.59
-16.26
E-Phi Peak
Gain (dBi)
5.44
5.54
5.5
5.65
5.57
5.76
5.76
5.81
5.93
5.75
5.67
E-Total Peak
Gain (dBi)
5.45
5.54
5.5
5.66
5.57
5.77
5.77
5.83
5.94
5.77
5.68
Directivity
(dBi)
6.12
6.2
6.15
6.35
6.57
6.56
6.62
6.62
6.69
6.7
6.66
Efficiency
(%)
85.64
85.95 86.07
85.25
79.39
83.29
82.31
83.37
84.21
80.73
79.66



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com