Electronic Components Datasheet Search
  English  ▼

X  

AD9516-2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9516-2
Description  14-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-2 Datasheet(HTML) 2 Page - Analog Devices

  AD9516-2 Datasheet HTML 1Page - Analog Devices AD9516-2 Datasheet HTML 2Page - Analog Devices AD9516-2 Datasheet HTML 3Page - Analog Devices AD9516-2 Datasheet HTML 4Page - Analog Devices AD9516-2 Datasheet HTML 5Page - Analog Devices AD9516-2 Datasheet HTML 6Page - Analog Devices AD9516-2 Datasheet HTML 7Page - Analog Devices AD9516-2 Datasheet HTML 8Page - Analog Devices AD9516-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
AD9516-2
Rev. 0 | Page 2 of 84
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 3
Specifications..................................................................................... 4
Power Supply Requirements ....................................................... 4
PLL Characteristics ...................................................................... 4
Clock Inputs .................................................................................. 6
Clock Outputs ............................................................................... 6
Timing Characteristics ................................................................ 7
Clock Output Additive Phase Noise (Distribution Only; VCO
Divider Not Used) ........................................................................ 8
Clock Output Absolute Phase Noise (Internal VCO Used).... 9
Clock Output Absolute Time Jitter (Clock Generation Using
Internal VCO) ............................................................................. 10
Clock Output Absolute Time Jitter (Clock Cleanup Using
Internal VCO) ............................................................................. 10
Clock Output Absolute Time Jitter (Clock Generation Using
External VCXO) ......................................................................... 10
Clock Output Additive Time Jitter (VCO Divider Not Used)....11
Clock Output Additive Time Jitter (VCO Divider Used) ..... 11
Delay Block Additive Time Jitter.............................................. 12
Serial Control Port ..................................................................... 12
PD, SYNC, and RESET Pins ..................................................... 13
LD, STATUS, REFMON Pins.................................................... 13
Power Dissipation....................................................................... 14
Timing Diagrams............................................................................ 15
Absolute Maximum Ratings.......................................................... 16
Thermal Resistance .................................................................... 16
ESD Caution................................................................................ 16
Pin Configuration and Function Descriptions........................... 17
Typical Performance Characteristics ........................................... 19
Terminology .................................................................................... 25
Detailed Block Diagram ................................................................ 26
Theory of Operation ...................................................................... 27
Operational Configurations...................................................... 27
High Frequency Clock Distribution—CLK or External
VCO >1600 MHz ................................................................... 27
Internal VCO and Clock Distribution................................. 29
Clock Distribution or External VCO <1600 MHz............. 31
Phase-Locked Loop (PLL) .................................................... 33
Configuration of the PLL ...................................................... 33
Phase Frequency Detector (PFD) ........................................ 33
Charge Pump (CP)................................................................. 34
On-Chip VCO ........................................................................ 34
PLL External Loop Filter....................................................... 34
PLL Reference Inputs............................................................. 34
Reference Switchover............................................................. 35
Reference Divider R............................................................... 35
VCXO/VCO Feedback Divider N: P, A, B, R ..................... 35
Digital Lock Detect (DLD) ....................................................... 37
Analog Lock Detect (ALD)................................................... 37
Current Source Digital Lock Detect (DLD) ....................... 37
External VCXO/VCO Clock Input (CLK/CLK) ................ 37
Holdover.................................................................................. 38
Manual Holdover Mode ........................................................ 38
Automatic/Internal Holdover Mode.................................... 38
Frequency Status Monitors ................................................... 39
VCO Calibration .................................................................... 40
Clock Distribution ..................................................................... 41
Internal VCO or External CLK as Clock Source ............... 41
CLK or VCO Direct to LVPECL Outputs........................... 41
Clock Frequency Division..................................................... 42
VCO Divider........................................................................... 42
Channel Dividers—LVPECL Outputs................................. 42
Channel Dividers—LVDS/CMOS Outputs ........................ 44
Synchronizing the Outputs—SYNC Function ................... 47
Clock Outputs......................................................................... 49
LVPECL Outputs: OUT0 to OUT5 ..................................... 49
LVDS/CMOS Outputs: OUT6 to OUT9............................. 50
Reset Modes ................................................................................ 50
Power-On Reset—Start-Up Conditions When VS Is
Applied .................................................................................... 50
Asynchronous Reset via the RESET Pin ............................. 50
Soft Reset via 0x00<5> .......................................................... 50
Power-Down Modes .................................................................. 50
Chip Power-Down via PD .................................................... 50
PLL Power-Down................................................................... 51
Distribution Power-Down .................................................... 51
Individual Clock Output Power-Down............................... 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com