Electronic Components Datasheet Search
  English  ▼

X  

AD9516-2 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9516-2
Description  14-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-2 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9516-2 Datasheet HTML 25Page - Analog Devices AD9516-2 Datasheet HTML 26Page - Analog Devices AD9516-2 Datasheet HTML 27Page - Analog Devices AD9516-2 Datasheet HTML 28Page - Analog Devices AD9516-2 Datasheet HTML 29Page - Analog Devices AD9516-2 Datasheet HTML 30Page - Analog Devices AD9516-2 Datasheet HTML 31Page - Analog Devices AD9516-2 Datasheet HTML 32Page - Analog Devices AD9516-2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
AD9516-2
Rev. 0 | Page 29 of 84
Internal VCO and Clock Distribution
When using the internal VCO and PLL, the VCO divider must
be employed to ensure the frequency presented to the channel
dividers does not exceed its specified maximum frequency
(1600 MHz, see Table 3). The internal PLL uses an external loop
filter to set the loop bandwidth. The external loop filter is also
crucial to the loop stability.
When using the internal VCO, it is necessary to calibrate the
VCO (0x18<0>) to ensure optimal performance.
For internal VCO and clock distribution applications, the
register settings shown in Table 24 should be used.
Table 24. Settings When Using Internal VCO
Register
Function
0x10<1:0> = 00b
PLL normal operation (PLL on).
0x10 to 0x1E
PLL settings. Select and enable a reference
input; set R, N (P, A, B), PFD polarity, and ICP
according to the intended loop configuration.
0x18<0> = 0,
0x232<0> = 1
Reset VCO calibration (first time after
power-up, this does not have to be done
but must be done subsequently).
0x18<0> = 1,
0x232<0> = 1
Initiate VCO calibration.
0x1E0<2:0>
VCO divider set to divide-by-2, divide-by-3,
divide-by-4, divide-by-5, and divide-by-6.
0x1E1<0> = 0b
Use the VCO divider as source for
distribution section.
0x1E1<1> = 1b
VCO selected as the source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com