Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9957 Datasheet HTML 5Page - Analog Devices AD9957 Datasheet HTML 6Page - Analog Devices AD9957 Datasheet HTML 7Page - Analog Devices AD9957 Datasheet HTML 8Page - Analog Devices AD9957 Datasheet HTML 9Page - Analog Devices AD9957 Datasheet HTML 10Page - Analog Devices AD9957 Datasheet HTML 11Page - Analog Devices AD9957 Datasheet HTML 12Page - Analog Devices AD9957 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
AD9957
Rev. 0 | Page 9 of 60
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O1
Description
1, 24, 61, 72, 86,
87, 93, 97 to 100
NC
Not Connected. Allow device pin to float.
2
PLL_LOOP_FILTER
I
PLL-Loop Filter Compensation. See External PLL Loop Filter Components section.
3, 6, 89, 92
AVDD (1.8V)
I
Analog Core VDD. 1.8 V analog supplies.
74 to 77, 83
AVDD (3.3V)
I
Analog DAC VDD. 3.3 V analog supplies.
17, 23, 30, 47, 57,
64
DVDD (1.8V)
I
Digital Core VDD. 1.8 V digital supplies.
11, 15, 21, 28, 45,
56, 66
DVDD_I/O (3.3V)
I
Digital Input/Output VDD. 3.3 V digital supplies.
4, 5, 73, 78, 79, 82,
85, 88, 96
AGND
I
Analog Ground.
13, 16, 22, 29, 46,
58, 62, 63, 65
DGND
I
Digital Ground.
7
SYNC_IN+
I
Synchronization Signal, Digital Input (Rising Edge Active). Synchronization signal from
external master to synchronize internal subclocks. See the Synchronization of Multiple
Devices section.
8
SYNC_IN−
I
Synchronization Signal, Digital Input (Falling Edge Active). Synchronization signal from
external master to synchronize internal subclocks. See the Synchronization of Multiple
Devices section.
9
SYNC_OUT+
O
Synchronization Signal, Digital Output (Rising Edge Active). Synchronization signal from
internal device subclocks to synchronize external slave devices. See the Synchronization
of Multiple Devices section.
10
SYNC_OUT−
O
Synchronization Signal, Digital Output (Falling Edge Active). Synchronization signal from
internal device subclocks to synchronize external slave devices. See the Synchronization
of Multiple Devices section.
12
SYNC_SMP_ERR
O
Synchronization Sample Error, Digital Output (Active High). A high on this pin indicates
that the AD9957 did not receive a valid sync signal on SYNC_IN+/SYNC_IN−. See the
Synchronization of Multiple Devices section.
14
MASTER_RESET
I
Master Reset, Digital Input (Active High). This pin clears all memory elements and sets
registers to default values.
18
EXT_PWR_DWN
I
External Power-Down, Digital Input (Active High). A high level on this pin initiates the
currently programmed power-down mode. See the Power-Down section of this
document for further details. If unused, tie to ground.
19
PLL_LOCK
O
PLL Lock, Digital Output (Active High). A high on this pin indicates that the clock
multiplier PLL has acquired lock to the reference clock input.
20
CCI_OVFL
O
CCI Overflow Digital Output, Active High. A high on this pin indicates a CCI filter overflow.
This pin remains high until the CCI overflow condition is cleared.
25 to 27, 31 to 39,
42 to 44, 48 to 50
D<17:0>
I
Parallel Data Input Bus (Active High). These pins provide the interleaved, 18-bit, digital, I
and Q vectors for the modulator to upconvert.
42
SPORT I-DATA
I
In Blackfin interface mode, this pin serves as the I-data serial input.
43
SPORT Q-DATA
I
In Blackfin interface mode, this pin serves as the Q-data serial input.
40
PDCLK/TSCLK
O
Parallel Data Clock, Digital Output (Clock). See the Signal Processing section for details.
41
TxENABLE
I
Transmit Enable, Digital Input (Active High). See the Signal Processing section for details.
41
FS
I
FS Input. In Blackfin interface mode, this pin serves as the FS input to receive the RFS
output signal from the Blackfin.
51
RT
I
RAM Trigger, Digital Input (Active High). This pin provides control for the RAM amplitude
scaling function. When this function is engaged, a high sweeps the amplitude from the
beginning RAM address to the end. A low sweeps the amplitude from the end RAM
address to the beginning. If unused, connect to ground or supply.
52 to 54
PROFILE<2:0>
I
Profile Select Pins, Digital Inputs (Active High). These pins select one of eight
phase/frequency profiles for the DDS core (single tone or carrier tone). Changing the state
of one of these pins transfers the current contents of all I/O buffers to the corresponding
registers. State changes should be set up to the SYNC_CLK pin.
55
SYNC_CLK
O
Output System Clock/4, Digital Output (Clock). The I/O_UPDATE and PROFILE<2:0> pins
should be set up to the rising edge of this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com