Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9957 Datasheet HTML 7Page - Analog Devices AD9957 Datasheet HTML 8Page - Analog Devices AD9957 Datasheet HTML 9Page - Analog Devices AD9957 Datasheet HTML 10Page - Analog Devices AD9957 Datasheet HTML 11Page - Analog Devices AD9957 Datasheet HTML 12Page - Analog Devices AD9957 Datasheet HTML 13Page - Analog Devices AD9957 Datasheet HTML 14Page - Analog Devices AD9957 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
AD9957
Rev. 0 | Page 11 of 60
TYPICAL PERFORMANCE CHARACTERISTICS
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
START 0Hz
50MHz/DIV
STOP 500MHz
1
1
Figure 5. 15.625 kHz Quadrature Tone, Carrier = 102 MHz,
CCI = 16, fS = 1 GHz
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
START 0MHz
50MHz/DIV
STOP 500MHz
1
1
Figure 6. 15.625 kHz Quadrature Tone, Carrier = 222 MHz,
CCI = 16, fS = 1 GHz
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
START 0Hz
50MHz/DIV
STOP 500MHz
1
1
Figure 7. 15.625 kHz Quadrature Tone, Carrier = 372 MHz,
CCI = 16, fS = 1 GHz
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
CENTER 102MHz
5kHz/DIV
SPAN 50kHz
1
1
Figure 8. Narrow-Band View of Figure 5
(with Carrier and Lower Sideband Surpression)
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
CENTER 222MHz
5kHz/DIV
SPAN 50kHz
1
1
Figure 9. Narrow-Band View of Figure 6
(with Carrier And Lower Sideband Surpression)
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
CENTER 372MHz
5kHz/DIV
SPAN 50kHz
1
1
Figure 10. Narrow-Band View of Figure 7
(with Carrier and Lower Sideband Surpression)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com