Electronic Components Datasheet Search
  English  ▼

X  

AD9743-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9743-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9743-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9743-EBZ Datasheet HTML 4Page - Analog Devices AD9743-EBZ Datasheet HTML 5Page - Analog Devices AD9743-EBZ Datasheet HTML 6Page - Analog Devices AD9743-EBZ Datasheet HTML 7Page - Analog Devices AD9743-EBZ Datasheet HTML 8Page - Analog Devices AD9743-EBZ Datasheet HTML 9Page - Analog Devices AD9743-EBZ Datasheet HTML 10Page - Analog Devices AD9743-EBZ Datasheet HTML 11Page - Analog Devices AD9743-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With
Respect to
Rating
AVDD33, DVDD33
AVSS DVSS
CVSS
−0.3 V to +3.6 V
DVDD18, CVDD18
AVSS DVSS
CVSS
−0.3 V to +1.98 V
AVSS
DVSS CVSS
−0.3 V to +0.3 V
DVSS
AVSS CVSS
−0.3 V to +0.3 V
CVSS
AVSS DVSS
−0.3 V to +0.3 V
REFIO
AVSS
−0.3 V to AVDD33 + 0.3 V
IOUT1P, IOUT1N, IOUT2P,
IOUT2P, AUX1P, AUX1N,
AUX2P, AUX2N
AVSS
−1.0 V to AVDD33 + 0.3 V
P1D15 to P1D0,
P2D15 to P2D0
DVSS
−0.3 V to DVDD33 + 0.3 V
CLKP, CLKN
CVSS
−0.3 V to CVDD18 + 0.3 V
RESET, CSB, SCLK, SDIO, SDO
DVSS
–0.3 V to DVDD33 + 0.3 V
Junction Temperature
125°C
Storage Temperature
−65°C to +150°C
THERMAL RESISTANCE
Thermal resistance tested using JEDEC standard 4-layer
thermal test board with no airflow.
Table 7.
Package Type
θJA
Unit
CP-72-1 (Exposed Pad Soldered to PCB)
25
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com