Electronic Components Datasheet Search
  English  ▼

X  

AD9743-EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9743-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9743-EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9743-EBZ Datasheet HTML 20Page - Analog Devices AD9743-EBZ Datasheet HTML 21Page - Analog Devices AD9743-EBZ Datasheet HTML 22Page - Analog Devices AD9743-EBZ Datasheet HTML 23Page - Analog Devices AD9743-EBZ Datasheet HTML 24Page - Analog Devices AD9743-EBZ Datasheet HTML 25Page - Analog Devices AD9743-EBZ Datasheet HTML 26Page - Analog Devices AD9743-EBZ Datasheet HTML 27Page - Analog Devices AD9743-EBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 24 of 28
DAC TRANSFER FUNCTION
Each DAC output of the AD9741/AD9743/AD9745/AD9746/
AD9747 drives complementary current outputs IOUTP and IOUTN.
IOUTP provides a near full-scale current output (IFS) when all bits
are high. For example,
DAC CODE = 2N − 1
where:
N = 8-/10-/12-/14-/16-bits (for AD9741/AD9743/AD9745/
AD9746/AD9747 respectively), and IOUTN provides no current.
The current output appearing at IOUTP and IOUTN is a function of
both the input code and IFS and can be expressed as
IOUTP = (DAC DATA/2N) × IFS
(1)
IOUTN = ((2N − 1) − DAC DATA)/2N × IFS
(2)
where DAC DATA = 0 to 2N − 1 (decimal representation).
The two current outputs typically drive a resistive load directly
or via a transformer. If dc coupling is required, IOUTP and IOUTN
should be connected to matching resistive loads (RLOAD) that are
tied to analog common (AVSS). The single-ended voltage
output appearing at the IOUTP and IOUTN pins is
VOUTP = IOUTP × RLOAD
(3)
VOUTN = IOUTN × RLOAD
(4)
Note that to achieve the maximum output compliance of 1 V at
the nominal 20 mA output current, RLOAD must be set to 50 Ω.
Also note that the full-scale value of VOUTP and VOUTN should
not exceed the specified output compliance range to maintain
specified distortion and linearity performance.
There are two distinct advantages to operating the AD9741/
AD9743/AD9745/AD9746/AD9747 differentially. First, differ-
ential operation helps cancel common-mode error sources
associated with IOUTP and IOUTN, such as noise, distortion, and
dc offsets. Second, the differential code dependent current
and subsequent output voltage (VDIFF) is twice the value of the
single-ended voltage output (VOUTP or VOUTN), providing 2×
signal power to the load.
VDIFF = (IOUTP – IOUTN) × RLOAD
(5)
ANALOG MODES OF OPERATION
The AD9741/AD9743/AD9745/AD9746/AD9747 utilize a
proprietary quad-switch architecture that lowers the distortion
of the DAC output by eliminating a code dependent glitch that
occurs with conventional dual-switch architectures. But whereas
this architecture eliminates the code dependent glitches, it creates
a constant glitch at a rate of 2 × fDAC. For communications
systems and other applications requiring good frequency
domain performance, this is seldom problematic.
The quad-switch architecture also supports two additional
modes of operation; mix mode and return-to-zero (RZ) mode.
The waveforms of these two modes are shown in Figure 35. In
mix mode, the output is inverted every other half clock cycle.
This effectively chops the DAC output at the sample rate. This
chopping has the effect of frequency shifting the sinc roll-off
from dc to fDAC. Additionally, there is a second subtle effect on
the output spectrum. The shifted spectrum is shaped by a second
sinc function with a first null at 2 × fDAC. The reason for this
shaping is that the data is not continuously varying at twice the
clock rate, but is simply repeated.
In RZ mode, the output is set to midscale on every other half
clock cycle. The output is similar to the DAC output in normal
mode except that the output pulses are half the width and half
the area. Because the output pulses have half the width, the
sinc function is scaled in frequency by 2 and has a first null at
2 × fDAC. Because the area of the pulses is half that of the pulses
in normal mode, the output power is half the normal mode
output power.
D9
D8
D7
D6
D5
D4
D3
D2
D1
D10
INPUT DATA
DAC CLK
4-SWITCH
DAC OUTPUT
(
fS MIX MODE)
4-SWITCH
DAC OUTPUT
(RETURN TO
ZERO MODE)
t
t
Figure 35. Mix Mode and RZ Mode DAC Waveforms
The functions that shape the output spectrums for normal mode,
mix mode, and RZ mode, are shown in Figure 36. Switching
between the modes reshapes the sinc roll off inherent at the
DAC output. This ability to change modes in the AD9741/
AD9743/AD9745/D9746/AD9747 makes the parts suitable for
direct IF applications. The user can place a carrier anywhere in
the first three Nyquist zones depending on the operating mode
selected. The performance and maximum amplitude in all three
zones are impacted by this sinc roll off depending on where the
carrier is placed, as shown in Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com