Electronic Components Datasheet Search
  English  ▼

X  

AD9746-EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9746-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9746-EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9746-EBZ Datasheet HTML 13Page - Analog Devices AD9746-EBZ Datasheet HTML 14Page - Analog Devices AD9746-EBZ Datasheet HTML 15Page - Analog Devices AD9746-EBZ Datasheet HTML 16Page - Analog Devices AD9746-EBZ Datasheet HTML 17Page - Analog Devices AD9746-EBZ Datasheet HTML 18Page - Analog Devices AD9746-EBZ Datasheet HTML 19Page - Analog Devices AD9746-EBZ Datasheet HTML 20Page - Analog Devices AD9746-EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 17 of 28
TERMINOLOGY
Integral Nonlinearity (INL)
The maximum deviation of the actual analog output from the
ideal output, as determined by a straight line drawn from zero
scale to full scale.
Differential Nonlinearity (DNL)
A measure of the maximum deviation in analog output associated
with any single value change in the digital input code relative to
an ideal LSB.
Monotonicity
A DAC is monotonic if the analog output increases or remains
constant in response to an increase in the digital input.
Offset Error
The deviation of the output current from the ideal zero-scale
current. For differential outputs, 0 mA is expected at IOUTP when
all inputs are low, and 0 mA is expected at IOUTN when all inputs
are high.
Gain Error
The deviation of the output current from the ideal full-scale
current. Actual full-scale output current is determined by
subtracting the output (when all inputs are low) from the
output (when all inputs are high).
Output Compliance Range
The range of allowable voltage seen by the analog output of a
current output DAC. Operation beyond the compliance limits
may cause output stage saturation and/or a breakdown resulting
in nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change in a
parameter from ambient temperature (25°C) to either TMIN
or TMAX and is typically reported as ppm/°C.
Spurious-Free Dynamic Range (SFDR)
The difference in decibels between the peak amplitude of a test
tone and the peak amplitude of the largest spurious signal over
the specified bandwidth.
Intermodulation Distortion (IMD)
The difference in decibels between the maximum peak ampli-
tude of two test tones and the maximum peak amplitude of
the distortion products created from the sum or difference of
integer multiples of the test tones.
Adjacent Channel Leakage Ratio (ACLR)
The ratio between the measured power of a wideband signal
within a channel relative to the measured power in an empty
adjacent channel.
Noise Spectral Density (NSD)
The measured noise power over a 1 Hz bandwidth seen at the
analog output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com