Electronic Components Datasheet Search
  English  ▼

X  

AD9746-EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9746-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9746-EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9746-EBZ Datasheet HTML 14Page - Analog Devices AD9746-EBZ Datasheet HTML 15Page - Analog Devices AD9746-EBZ Datasheet HTML 16Page - Analog Devices AD9746-EBZ Datasheet HTML 17Page - Analog Devices AD9746-EBZ Datasheet HTML 18Page - Analog Devices AD9746-EBZ Datasheet HTML 19Page - Analog Devices AD9746-EBZ Datasheet HTML 20Page - Analog Devices AD9746-EBZ Datasheet HTML 21Page - Analog Devices AD9746-EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 18 of 28
THEORY OF OPERATION
The AD9741/AD9743/AD9745/AD9746/AD9747 combine
many features to make them very attractive for wired and
wireless communications systems. The dual DAC architecture
facilitates easy interfacing to common quadrature modulators
when designing single sideband transmitters. In addition, the
speed and performance of the devices allow wider bandwidths
and more carriers to be synthesized than in previously available
products.
All features and options are software programmable through
the SPI port.
SERIAL PERIPHERAL INTERFACE
AD9747
SPI
PORT
SDO
SDIO
SCLK
CSB
Figure 22. SPI Port
The SPI port is a flexible, synchronous serial communications
port allowing easy interfacing to many industry-standard
microcontrollers and microprocessors. The port is compatible
with most synchronous transfer formats including both the
Motorola SPI and Intel
® SSR protocols.
The interface allows read and write access to all registers that
configure the AD9741/AD9743/AD9745/AD9746/AD9747.
Single or multiple byte transfers are supported as well as MSB-
first or LSB-first transfer formats. Serial data input/output can
be accomplished through a single bidirectional pin (SDIO) or
through two unidirectional pins (SDIO/SDO).
The serial port configuration is controlled by Register 0x00,
Bits<7:6>. It is important to note that any change made to the
serial port configuration occurs immediately upon writing to
the last bit of this byte. Therefore, it is possible with a multibyte
transfer to write to this register and change the configuration in
the middle of a communication cycle. Care must be taken to
compensate for the new configuration within the remaining
bytes of the current communication cycle.
Use of a single-byte transfer when changing the serial port
configuration is recommended to prevent unexpected device
behavior.
GENERAL OPERATION OF THE SERIAL INTERFACE
There are two phases to any communication cycle with the
AD9741/AD9743/AD9745/AD9746/AD9747: Phase 1 and
Phase 2. Phase 1 is the instruction cycle, which writes an
instruction byte into the device. This byte provides the serial
port controller with information regarding Phase 2 of the
communication cycle: the data transfer cycle.
The Phase 1 instruction byte defines whether the upcoming
data transfer is read or write, the number of bytes in the data
transfer, and a reference register address for the first byte of the
data transfer. A logic high on the CSB pin followed by a logic
low resets the SPI port to its initial state and defines the start
of the instruction cycle. From this point, the next eight rising
SCLK edges define the eight bits of the instruction byte for the
current communication cycle.
The remaining SCLK edges are for Phase 2 of the communication
cycle, which is the data transfer between the serial port control-
ler and the system controller. Phase 2 can be a transfer of 1, 2, 3,
or 4 data bytes as determined by the instruction byte. Using
multibyte transfers is usually preferred although single-byte
data transfers are useful to reduce CPU overhead or when only
a single register access is required.
All serial port data is transferred to and from the device in syn-
chronization with the SCLK pin. Input data is always latched
on the rising edge of SCLK whereas output data is always valid
after the falling edge of SCLK. Register contents change imme-
diately upon writing to the last bit of each transfer byte.
When synchronization is lost, the device has the ability to
asynchronously terminate an I/O operation whenever the CSB
pin is taken to logic high. Any unwritten register content data is
lost if the I/O operation is aborted. Taking CSB low then resets the
serial port controller and restarts the communication cycle.
INSTRUCTION BYTE
The instruction byte contains the information shown in the
following bit map.
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
R/W
N1
N0
A4
A3
A2
A1
A0
Bit 7, R/W, determines whether a read or a write data transfer
occurs after the instruction byte write. Logic high indicates a
read operation. Logic 0 indicates a write operation.
Bits<6:5>, N1 and N0, determine the number of bytes to be
transferred during the data transfer cycle. The bits decode as
shown in Table 13.
Table 13. Byte Transfer Count
N1
N0
Description
0
0
Transfer one byte
0
1
Transfer two bytes
1
0
Transfer three bytes
1
1
Transfer four bytes
Bits<4:0>, A4, A3, A2, A1, and A0, determine which register is
accessed during the data transfer of the communications cycle.
For multibyte transfers, this address is a starting or ending
address depending on the current data transfer mode. For MSB-
first format, the specified address is an ending address or the
most significant address in the current cycle. Remaining
register addresses for multiple byte data transfers are generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com