Electronic Components Datasheet Search
  English  ▼

X  

ADATE207BBP Datasheet(PDF) 7 Page - Analog Devices

Part # ADATE207BBP
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207BBP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADATE207BBP Datasheet HTML 3Page - Analog Devices ADATE207BBP Datasheet HTML 4Page - Analog Devices ADATE207BBP Datasheet HTML 5Page - Analog Devices ADATE207BBP Datasheet HTML 6Page - Analog Devices ADATE207BBP Datasheet HTML 7Page - Analog Devices ADATE207BBP Datasheet HTML 8Page - Analog Devices ADATE207BBP Datasheet HTML 9Page - Analog Devices ADATE207BBP Datasheet HTML 10Page - Analog Devices ADATE207BBP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADATE207
Rev. 0 | Page 7 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADATE207
PATTERN DATA
PERIOD DATA
COMPARE FAILS
RECEIVE DATA
CH3 DCL I/F
CH2 DCL I/F
CH1 DCL I/F
CH0 DCL I/F
COMMAND/
STATUS BUS
TIME
MEASUREMENT
Figure 5. Connection Overview Diagram
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
2
4
6
8
10
12
14
16
18
20
1
3
5
7
9
11
13
15
17
19
BOTTOM
VIEW
(Not to Scale)
ADATE207
Figure 6. Ball Grid Array
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Input/Output1
Type
Description
B4, A4, C5, D6
PAT_MASK[3:0]
I
LVCMOS25
Mask Failures. Used to mask failures on D3,
D2, D1 and D0 edges, respectively. Clocked
by MCLK.
T3, U1, U2, T4, U3, V4, U5, W4
PAT_PATDATA_0[7:0]
I
LVCMOS25
Channel 0 Waveform Memory Address. Use
these pins to address waveform memory for
Channel 0. Clocked by MCLK.
B5, A5, C6, B6, A6, C7, B7, D8
PAT_PATDATA_1[7:0]
I
LVCMOS25
Channel 1 Waveform Memory Address. Use
these pins to address waveform memory for
Channel 1. Clocked by MCLK.
W212, V12, Y13, U12, W13,
V13, Y14, W14
PAT_PATDATA_2[7:0]
I
LVCMOS25
Channel 2 Waveform Memory Address. Use
these pins to address waveform memory for
Channel 2. Clocked by MCLK.
A16, B16, D15, C16, A17,
B17, D16, C17
PAT_PATDATA_3[7:0]
I
LVCMOS25
Channel 3 Waveform Memory Address. Use
these pins to address waveform memory for
Channel 3. Clocked by MCLK.
Y4, W5, V6
PAT_FAIL_0[3:0]
O
LVCMOS25
Fails on D3, D2, D1 and D0 Edges for Channel 0.
Clocked by MCLK.
B8, A8, B9, B10
PAT_FAIL_1[3:0]
O
LVCMOS25
Fails on D3, D2, D1 and D0 Edges for Channel 1.
Clocked by MCLK.
V8, W8, W9, Y9
PAT_FAIL_2[3:0]
O
LVCMOS25
Fails on D3, D2, D1 and D0 Edges for Channel 2.
Clocked by MCLK.
B12, C12, B13, A14
PAT_FAIL_3[3:0]
O
LVCMOS25
Fails on D3, D2, D1 and D0 Edges for Channel 3.
Clocked by MCLK.
W6, Y6, W7, Y7
PAT_DUTDATA_0[3:0]
O
LVCMOS25
DUT Capture Data from Channel 0. Clocked
by MCLK.
C10, A11, B11, A12
PAT_DUTDATA_1[3:0]
O
LVCMOS25
DUT Capture Data from Channel 1. Clocked
by MCLK.
V10, W10, Y10, W11
PAT_DUTDATA_2[3:0]
O
LVCMOS25
DUT Capture Data from Channel 2. Clocked
by MCLK.
B14, C14, A15, B15
PAT_DUTDATA_3[3:0]
O
LVCMOS25
DUT Capture Data from Channel 3. Clocked
by MCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com