Electronic Components Datasheet Search
  English  ▼

X  

ADATE207BBP Datasheet(PDF) 3 Page - Analog Devices

Part # ADATE207BBP
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207BBP Datasheet(HTML) 3 Page - Analog Devices

  ADATE207BBP Datasheet HTML 1Page - Analog Devices ADATE207BBP Datasheet HTML 2Page - Analog Devices ADATE207BBP Datasheet HTML 3Page - Analog Devices ADATE207BBP Datasheet HTML 4Page - Analog Devices ADATE207BBP Datasheet HTML 5Page - Analog Devices ADATE207BBP Datasheet HTML 6Page - Analog Devices ADATE207BBP Datasheet HTML 7Page - Analog Devices ADATE207BBP Datasheet HTML 8Page - Analog Devices ADATE207BBP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADATE207
Rev. 0 | Page 3 of 36
SPECIFICATIONS
DC SPECIFICATIONS
TC = 85°C ± 5°C, VDD = 2.5 V, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Supply Current, IDD
All channels repeating pattern of 1/H/0/L across
D0/D1/D2/D3 edges every 20 ns
2.5
2.7
A
Power Dissipation1
All channels repeating pattern of 1/H/0/L across
D0/D1/D2/D3 edges every 20 ns
6.3
7.1
W
All channels repeating pattern of H/L/H/L across
D0/D1/D2/D3 edges every 10 ns
6.85
W
Idle mode; no patterns bursting
5.7
W
Operating Supply Current, IDD
All channels repeating pattern of 1/0/1/0 across
D0/D1/D2/D3 edges every 10 ns
2.7
A
Idle mode; no patterns bursting
2.2
A
DIGITAL INPUTS
LVCMOS25
VIL
0.7
V
IIL
VIL = 0 V
1
μA
VIH
1.7
V
IIH
VIH = 2.5 V
1
μA
Pin Capacitance
Guaranteed by simulation
3.5
pF
Differential Inputs with Internal
Termination
VDIFF
200
mV
Input Voltage Range
1.0
VDD
V
Differential inputs with External
Termination
VDIFF
200
mV
Input Voltage Range
1.0
VDD
V
R Termination
50 ± 15%
Ω
DIGITAL BIDIRECTIONALS
LVCMOS25
VIL
0.7
V
IIL
VIL = 0 V
1
μA
VIH
1.7
V
IIH
VIH = 2.5 V
1
μA
DIGITAL OUTPUTS
LVCMOS25
VOL
IOL = 8 mA
0.4
V
VOH
IOH = 8 mA
VDD − 0.4
V
Open Drain Differential Outputs
REF_1K > 100 kΩ to GND
VDIFF
VTERM = 50 Ω to VDD
200
300
mV
VOL (Individual Leg of Pair)
VTERM = 50 Ω to VDD
2.49
V
VOH (Individual Leg of Pair)
VTERM = 50 Ω to VDD
2.2
V
Ambient Potential
IDIODE = 100 μA
715
mV
Operating Potential
IDIODE = 100 μA
600
630
mV
Temperature Coefficient
IDIODE = 100 μA
1.4
mV/°C
1 Power dissipation specifically indicates part dissipation and does not include power dissipated in external terminations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com