Electronic Components Datasheet Search
  English  ▼

X  

ATI Datasheet(PDF) 3 Page - Yuechung International Corp.

Part # ATI
Description  2.4G / 5.8GHz Dual Band Wi-Fi Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

ATI Datasheet(HTML) 3 Page - Yuechung International Corp.

  ATI Datasheet HTML 1Page - Yuechung International Corp. ATI Datasheet HTML 2Page - Yuechung International Corp. ATI Datasheet HTML 3Page - Yuechung International Corp. ATI Datasheet HTML 4Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Y
YI
IC
C
ATI Series
Yuechung International Corp. (YIC)
URL: www.yic.com.tw
3
E-mail: service@yic.com.tw
2.
Reflection Coefficient & Input Impedance on a Smith Chart
2.1 Equipment : Network Analyzer (Agilent E5071C) (Fig.1)
Fig.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com