Electronic Components Datasheet Search
  English  ▼

X  

ATI Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # ATI
Description  2.4G / 5.8GHz Dual Band Wi-Fi Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

ATI Datasheet(HTML) 1 Page - Yuechung International Corp.

  ATI Datasheet HTML 1Page - Yuechung International Corp. ATI Datasheet HTML 2Page - Yuechung International Corp. ATI Datasheet HTML 3Page - Yuechung International Corp. ATI Datasheet HTML 4Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Y
YI
IC
C
ATI Series
Yuechung International Corp. (YIC)
URL: www.yic.com.tw
1
E-mail: service@yic.com.tw
2.4G / 5.8GHz Dual Band Wi-Fi Antenna
Model Number: ATI2458G-4717-55
General Description
ATI2458G is suitable for wide range Wi-Fi, Bluetooth and Zigbee devices.
Features
 Stable and reliable in performances
 Low temperature coefficient of frequency
 RoHS compliance
 PCB type
 Double-sided 3M tape
Applications
 Automobile
 Recreational
 Marine
 Handheld system
CONFIGURATION
 Can be customized
 RF Cable Type : Micro Coaxial 1.13mm (Can be customized)
 Cable Length : 55mm
 RF Connector : I-PEX (U. FL)
 Impedance : 50
Ω
 Output V.S.W.R : 2.0 MAX
Gain : 2dBi


Similar Part No. - ATI

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
ATI YIC-ATI Datasheet
326Kb / 3P
lSM Internal Antennas
logo
Advanced Technical Mate...
ATI-1-2 ATM-ATI-1-2 Datasheet
52Kb / 1P
BROADBAND COAXIAL ISOLATOR
logo
Yuechung International ...
ATI2.4G YIC-ATI2.4G Datasheet
824Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
ATI2.4G YIC-ATI2.4G Datasheet
872Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
ATI2.4G2540-1.37-150 YIC-ATI2.4G2540-1.37-150 Datasheet
824Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
More results

Similar Description - ATI

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10004-SB WPI-WPANT10004-SB Datasheet
239Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10005-SB WPI-WPANT10005-SB Datasheet
251Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
logo
Taoglas antenna solutio...
WLA10 TAOGLAS-WLA10 Datasheet
1Mb / 19P
Wi-Fi Dual Band 2.4GHz/5.8GHz Chip Antenna
FXP830090100C TAOGLAS-FXP830090100C Datasheet
432Kb / 13P
FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8GHz Dipole Antenna
logo
World Produts Inc.
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
Dual-band Wi-Fi Embedded Antenna
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT30120 WPI-WPANT30120 Datasheet
65Kb / 2P
MIMO Antenna ??Dual-band Wi-Fi
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com