Electronic Components Datasheet Search
  English  ▼

X  

218220 Datasheet(PDF) 1 Page - LEMO Connectors

Part # 218220
Description  B - Indoor keyed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

218220 Datasheet(HTML) 1 Page - LEMO Connectors

  218220 Datasheet HTML 1Page - LEMO Connectors 218220 Datasheet HTML 2Page - LEMO Connectors 218220 Datasheet HTML 3Page - LEMO Connectors 218220 Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/b-indoor-keyed/fgg-2b-318-clad92z.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
FGG.2B.318.CLAD92Z
Summary
Request a quote
Catalog
See video assembly instructions
Low Voltage
18
Wire Size/AWG
30 - 22
Gender
Standard
Plug
Plug - Straight
Locking system
Push-pull
Jacket cable outside diameter [mm]
8.30 - 9.20 mm
Size
2B
Matching parts
EGG.2B.318.CLL
Series
B - Indoor keyed
Technical details


Similar Part No. - 218220

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
218220 LEMO-218220 Datasheet
108Kb / 3P
E - Outdoor Stepped Insert
218220 LEMO-218220 Datasheet
91Kb / 4P
B - Indoor keyed
218220 LEMO-218220 Datasheet
99Kb / 4P
B - Indoor keyed
218220 LEMO-218220 Datasheet
110Kb / 4P
B - Indoor keyed
218220 LEMO-218220 Datasheet
103Kb / 4P
B - Indoor keyed
More results

Similar Description - 218220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS99532A TI-TMS99532A Datasheet
109Kb / 2P
FREQUENCY-SHITF-KEYED MODEM
logo
Molex Electronics Ltd.
0424109226 MOLEX5-0424109226 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/2, Keyed
0424108938 MOLEX5-0424108938 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/4, Keyed
0424108842 MOLEX5-0424108842 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/6, Keyed
0424108650 MOLEX5-0424108650 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/6, Keyed
logo
Winchester Electronics ...
SD125-52-X WINCHESTER-SD125-52-X Datasheet
572Kb / 2P
PLUG TNC KEYED
SD125-X-X WINCHESTER-SD125-X-X Datasheet
781Kb / 2P
PLUG TNC KEYED
SD126-71-7 WINCHESTER-SD126-71-7 Datasheet
68Kb / 1P
PLUG SC KEYED
logo
Zilog, Inc.
ZDI232ZPAK2ZPK ZILOG-ZDI232ZPAK2ZPK Datasheet
247Kb / 10P
Keyed 40-conductor ribbon cable
logo
Amphenol Corporation
ATM06-12SA AMPHENOL-ATM06-12SA Datasheet
591Kb / 2P
PLUG, KEYED, 12 SOCKET, ATM SERIES
18/JUN/13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com