Electronic Components Datasheet Search
  English  ▼

X  

218220 Datasheet(PDF) 2 Page - LEMO Connectors

Part # 218220
Description  B - Indoor keyed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

218220 Datasheet(HTML) 2 Page - LEMO Connectors

  218220 Datasheet HTML 1Page - LEMO Connectors 218220 Datasheet HTML 2Page - LEMO Connectors 218220 Datasheet HTML 3Page - LEMO Connectors 218220 Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/b-indoor-keyed/fgg-2b-318-clad92z.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Electrical Configuration
Contact Termination Low voltage
Solder
R (max)
6.1 mOhm
Insert configuration value
2B.318 - 18 Low Voltage
Insulator
L: PEEK (UL 94 / V-0/1.5)
Rated current
5.5 Amps
Vtest (contact-contact)
850 V (AC), 1200 V (DC)
Vtest (contact-shell)
1200 V (AC), 1700 V (DC)
Contact Type
Solder
Max. Conductor
0.34 mm^2 (AWG 22)
Max. Stranded Conductor
0.34 mm^2 (AWG 22)
Bucket Dia.
0.8 mm (0.031in)
Contact Dia.
0.7 mm (0.028in)
Low Voltage
18
Wire Size/AWG
30 - 22
Gender
Standard
Form & Material
Shell style / Model id
FG - Straight plug, cable collet and nut for fitting a
bend relief
Plug
Straight
Housing material
Brass (chrome plated [SAE AMS 2460]) shell and
collet nut, nickel plated [SAE AMS QQ N 290] brass
latch sleeve and mid pieces
Locking system
Push-pull
Keying
1 key (alpha=0, plug: male contacts, receptacle:
female contacts)
Variant
Nut for fitting a bend relief
Weight
28.83 g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com