Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5402 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 31Page - Texas Instruments TMS320VC5402 Datasheet HTML 32Page - Texas Instruments TMS320VC5402 Datasheet HTML 33Page - Texas Instruments TMS320VC5402 Datasheet HTML 34Page - Texas Instruments TMS320VC5402 Datasheet HTML 35Page - Texas Instruments TMS320VC5402 Datasheet HTML 36Page - Texas Instruments TMS320VC5402 Datasheet HTML 37Page - Texas Instruments TMS320VC5402 Datasheet HTML 38Page - Texas Instruments TMS320VC5402 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended operating case temperature range (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = MAX
2.4
V
VOL
Low-level output voltage
IOL = MAX
0.4
V
IIZ
Input
current
for
outputs
in
high
D[15:0], HD[7:0]
Bus holders enabled, DVDD = MAX,
VI = VSS to DVDD
–175
175
µA
IIZ
out uts
in
high
impedance
All other inputs
DVDD = MAX, VO = VSS to DVDD
–5
5
µA
X2/CLKIN}
–40
40
TRST
With internal pulldown
–5
300
II
Input current
HPIENA
With internal pulldown
(VI = VSS
–5
300
µA
II
ucu e
TMS, TCK, TDI, HPIw
With internal pullups,
HPIENA = 0
( ISS
to DVDD)
–300
5
µA
All other input only pins
5
5
All other input-only pins
–5
5
IDDC
Supply current, core CPU
CVDD = 1.8 V, fclock = 100 MHz¶, TC = 25°C#
45
mA
IDDP
Supply current, pins
DVDD = 3.3 V, fclock = 100 MHz¶, TC = 25°C||
30
mA
IDD
Supply current,
IDLE2
PLL
× 1 mode, 100 MHz input
2
mA
IDD
Su
ly current,
standby
IDLE3
Divide-by-two mode, CLKIN stopped
20
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All values are typical unless otherwise specified.
‡ All revisions of the ’5402 can be operated with an external clock source, provided that the proper voltage levels be driven on the X2/CLKIN pin.
It should be noted that the X2/CLKIN pin is referenced to the device 1.8V power supply (CVdd), rather than the 3V I/O supply (DVdd). Refer to
the recommended operating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin.
§ HPI input signals except for HPIENA.
¶ Clock mode: PLL
× 1 with external source
# This value represents the current consumption of the CPU, on-chip memory, and on-chip peripherals. Conditions include: program execution
from on-chip RAM, with 50% usage of MAC and 50% usage of NOP instructions. Actual operating current varies with program being executed.
|| This value was obtained using the following conditions: external memory writes at a rate of 20 million writes per second, CLKOFF=0, full-duplex
operation of McBSP0 and McBSP1 at a rate of 10 million bits per second each, and 15-pF loads on all outputs. For more details on how this
calculation is performed, refer to the
Calculation of TMS320C54x Power Dissipation Application Report (literature number SPRA164).
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
50
Ω
Where:
IOL
= 1.5 mA (all outputs)
IOH
= 300
µA (all outputs)
VLoad = 1.5 V
CT
= 40 pF typical load circuit capacitance
Figure 9. 3.3-V Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com