Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5402 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 58Page - Texas Instruments TMS320VC5402 Datasheet HTML 59Page - Texas Instruments TMS320VC5402 Datasheet HTML 60Page - Texas Instruments TMS320VC5402 Datasheet HTML 61Page - Texas Instruments TMS320VC5402 Datasheet HTML 62Page - Texas Instruments TMS320VC5402 Datasheet HTML 63Page - Texas Instruments TMS320VC5402 Datasheet HTML 64Page - Texas Instruments TMS320VC5402 Datasheet HTML 65Page - Texas Instruments TMS320VC5402 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
62
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
HPI8 timing (continued)
timing requirements†‡§ (see Figure 35, Figure 36, Figure 37, and Figure 38)
MIN
MAX
UNIT
tsu(HBV-DSL)
Setup time, HBIL and HAD valid before DS low or before HAS low¶#
5
ns
th(DSL-HBV)
Hold time, HBIL and HAD valid after DS low or after HAS low¶#
5
ns
tsu(HSL-DSL)
Setup time, HAS low before DS low
10
ns
tw(DSL)
Pulse duration, DS low
20
ns
tw(DSH)
Pulse duration, DS high
10
ns
tsu(HDV-DSH)
Setup time, HDx valid before DS high, HPI write
2
ns
th(DSH-HDV)W
Hold time, HDx valid after DS high, HPI write
3
ns
tsu(GPIO-COH)
Setup time, HDx input valid before CLKOUT high, HDx configured as general-purpose input
6
ns
th(GPIO-COH)
Hold time, HDx input valid after CLKOUT high, HDx configured as general-purpose input
0
ns
† DS refers to the logical OR of HCS, HDS1, and HDS2.
‡ HDx refers to any of the HPI data bus pins (HD0, HD1, HD2, etc.).
§ GPIO refers to the HD pins when they are configured as general-purpose input/outputs.
¶ HAD refers to HCNTL0, HCNTL1, and H/RW.
# When the HAS signal is used to latch the control signals, this timing refers to the falling edge of the HAS signal. Otherwise, when HAS is not used
(always high), this timing refers to the falling edge of DS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com