Electronic Components Datasheet Search
  English  ▼

X  

TC1102 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC1102
Description  Super Low Noise GaAs FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC1102 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC1102 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC1102 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC1102 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC1102 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC1102
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
10
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
5 V
VGS
Gate-Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGS
Gate Current
160
µA
Pin
RF Input Power, CW
14 dBm
PT
Continuous Dissipation
150 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
TYPICAL NOISE PARAMETERS (TA=25
°°°°C)
VDS = 2 V, IDS = 10 mA
Γopt
Frequency
(GHz)
NFopt
(dB)
GA
(dB)
MAG
ANG
Rn/50
2
0.30
19.0
0.98
15
0.40
4
0.32
17.4
0.84
30
0.35
6
0.34
15.7
0.68
50
0.26
8
0.37
14.3
0.51
76
0.19
10
0.42
12.9
0.38
107
0.12
12
0.47
11.9
0.28
146
0.08
14
0.56
11.4
0.25
193
0.07
16
0.70
11.2
0.32
250
0.11
18
0.87
10.9
0.49
317
0.23
CHIP DIMENSIONS
Units: Micrometers
Gate Pad: 55 x 60
Chip Thickness: 100
Drain Pad: 55 x 60
Source Pad: 55 x 14
250 ± 12
280 ± 12
S
S
D
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com