Electronic Components Datasheet Search
  English  ▼

X  

TC1102 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC1102
Description  Super Low Noise GaAs FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC1102 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC1102 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC1102 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC1102 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC1102 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TRANSCOM
TC1102
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
9
January 2002
Super Low Noise GaAs FETs
FEATURES
• Low Noise Figure:
NF = 0.5 dB Typical at 12 GHz
• High Associated Gain:
Ga = 13 dB Typical at 12 GHz
• Lg = 0.25 µm, Wg = 160 µm
• All-Gold Metallization for High Reliability
• 100 % DC Tested
DESCRIPTION
The TC1102 is a GaAs Pseudomorphic High Electron Mobility Transistor (PHEMT) chip, which has very
low noise figure and high associated gain. The device can be used in circuits up to 40 GHz and suitable
for low noise application including a wide range of commercial and military applications. All devices are
100% DC tested to assure consistent quality. All bond pads are gold plated for either thermo-compression
or thermo-sonic wire bonding.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
NF
Noise Figure at VDS = 2 V, IDS = 10 mA,, f = 12GHz
0.5
0.7
dB
Ga
Associated Gain at VDS = 2 V, IDS = 10 mA, f = 12GHz
11
13
dB
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
40
mA
gm
Transconductance at VDS = 2 V, VGS = 0 V
55
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 0.32 mA
-1.0
Volts
BVDGO
Drain-Gate Breakdown Voltage at IDGO =0.08 mA
58
Volts
Rth
Thermal Resistance
90
°C/W
PHOTO ENLARGEMENT


Similar Part No. - TC1102

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TC1102 PREMO-TC1102 Datasheet
164Kb / 1P
SMD Telecoil 10.5x1.4x2mm
logo
Transcom, Inc.
TC1102 TRANSCOM-TC1102 Datasheet
243Kb / 4P
Super Low Noise GaAs FETs
logo
PREMO CORPORATION S.L
TC1102-35000J PREMO-TC1102-35000J Datasheet
164Kb / 1P
SMD Telecoil 10.5x1.4x2mm
TC1102-46000J PREMO-TC1102-46000J Datasheet
164Kb / 1P
SMD Telecoil 10.5x1.4x2mm
TC1102 PREMO-TC1102_14 Datasheet
164Kb / 1P
SMD Telecoil 10.5X1, 4X2 mm
More results

Similar Description - TC1102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFA0103 ETC1-CFA0103 Datasheet
469Kb / 2P
LOW-NOISE GaAs FETS
logo
Mimix Broadband
CFB0103 MIMIX-CFB0103 Datasheet
1Mb / 3P
Low-Noise GaAs FETs
CFA0103 MIMIX-CFA0103 Datasheet
981Kb / 2P
Low Noise GaAs FETs
CFB0103 MIMIX-CFB0103_06 Datasheet
654Kb / 2P
Low Noise GaAs FETs
logo
List of Unclassifed Man...
TC1202 ETC2-TC1202 Datasheet
111Kb / 4P
Super Low Noise GaAs FETs
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Mimix Broadband
CFA0103 MIMIX-CFA0103_06 Datasheet
987Kb / 2P
Low Noise GaAs FETs
logo
Transcom, Inc.
TC1102 TRANSCOM-TC1102 Datasheet
243Kb / 4P
Super Low Noise GaAs FETs
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
Low Noise and Medium Power GaAs FETs
TC1202 TRANSCOM-TC1202 Datasheet
173Kb / 4P
Super Low Noise GaAs FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com