Electronic Components Datasheet Search
  English  ▼

X  

3SM123GZB1VE-R Datasheet(PDF) 6 Page - Solid State System Co., Ltd.

Part # 3SM123GZB1VE-R
Description  MEMS Microphone IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3S [Solid State System Co., Ltd.]
Direct Link  http://www.3system.com.tw/
Logo 3S - Solid State System Co., Ltd.

3SM123GZB1VE-R Datasheet(HTML) 6 Page - Solid State System Co., Ltd.

Back Button 3SM123GZB1VE-R Datasheet HTML 2Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 3Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 4Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 5Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 6Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 7Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 8Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 9Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 10Page - Solid State System Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Version 1.2
Date: 2023-04-20
- 6 -
MEMS Microphone IC
3SM123GZB1VE-R
WWW.3SYSTEM.COM.TW
Reliability Qualifications
Table 4
Test Item
Description
High Temperature Storage
Storage at 125℃ for 1,000 hours
JESD22-A103
Low Temperature Storage
Storage at -40℃ for 1,000 hours
JESD22-A119
High Temperature Operation Bias
Under Bias at 105℃ for 1,000 hours
JESD22-A108
Low Temperature Operation Bias
Under Bias at -40℃ for 1,000 hours
JESD22-A108
Temperature Humidity Bias
Under Bias at 85℃/85%RH for 1,000
hours
JESD22-A101
Thermal Cycling Test
Thermal Cycle from -40℃~125℃, 100
cycles
JESD22-A104
Reflow
5 reflow cycles with peak 260℃
J-STD-020
Vibration
4 cycles lasting 12 minutes from 20 to
2KHz in X, Y and Z with peak
acceleration of
20G
JESD22-B103
Mechanical Shock
Total 18 pulses 10,000G in X,Y and Z
JESD22-B104
ESD
HBM:3KV, MM:300V, CDM:500V
Air Discharge:15KV,
Contact Discharg:8KV
JESD22-A114(HBM)
JESD22-A115(MM)
JESD22-C101(CDM)
IEC 61000-4-2(Air Discharge)
IEC 61000-4-2(Contact Discharge)
Notes: Microphones meet all acoustic and electrical specifications before and after reliability testing, except
sensitivity which can deviate up to 3dB from its initial value.
After 5 reflow cycles, the sensitivity of the microphone shall not deviate more than 1 dB from its initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com