Electronic Components Datasheet Search
  English  ▼

X  

3SM123GZB1VE-R Datasheet(PDF) 12 Page - Solid State System Co., Ltd.

Part # 3SM123GZB1VE-R
Description  MEMS Microphone IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3S [Solid State System Co., Ltd.]
Direct Link  http://www.3system.com.tw/
Logo 3S - Solid State System Co., Ltd.

3SM123GZB1VE-R Datasheet(HTML) 12 Page - Solid State System Co., Ltd.

Back Button 3SM123GZB1VE-R Datasheet HTML 6Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 7Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 8Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 9Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 10Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 11Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 12Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 13Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 14Page - Solid State System Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Version 1.2
Date: 2023-04-20
- 12 -
MEMS Microphone IC
3SM123GZB1VE-R
WWW.3SYSTEM.COM.TW
Package Information
Carrier Tape:
1. 10 sprocket hole pitch cumulative tolerance ±0.20.
2. Carrier camber is within 1 mm in 250 mm.
3. Material : Black Conductive Polystyrene Alloy.
4. All dimensions meet EIA-481 requirements.
5. Thickness : 0.30±0.05 mm.
6. MSL(Moisture sensitivity level) Class1.
Laser Marking:
Laser marking on the top side
XXXX
Internal Tracking Code
AAAA
Lot Tracking Code
XXXX
AAAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com