Electronic Components Datasheet Search
  English  ▼

X  

HC393 Datasheet(PDF) 4 Page - Texas Instruments

Part # HC393
Description  DUAL 4-BIT BINARY COUNTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC393 Datasheet(HTML) 4 Page - Texas Instruments

  HC393 Datasheet HTML 1Page - Texas Instruments HC393 Datasheet HTML 2Page - Texas Instruments HC393 Datasheet HTML 3Page - Texas Instruments HC393 Datasheet HTML 4Page - Texas Instruments HC393 Datasheet HTML 5Page - Texas Instruments HC393 Datasheet HTML 6Page - Texas Instruments HC393 Datasheet HTML 7Page - Texas Instruments HC393 Datasheet HTML 8Page - Texas Instruments HC393 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN54HC393, SN74HC393
DUAL 4-BIT BINARY COUNTERS
SCLS143D – DECEMBER 1982 – REVISED JULY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC393
SN74HC393
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
V
V = V
or V
I
= –20 A
2 V
1.9
1.998
1.9
1.9
V
V
V = V
or V
IOH = –20 µA
4.5 V
4.4
4.499
4.4
4.4
V
VOH
VI = VIH or VIL
OH
6 V
5.9
5.999
5.9
5.9
V
OH
IIH
IL
IOH = –4 mA
4.5 V
3.98
4.3
3.7
3.84
IOH = –5.2 mA
6 V
5.48
5.8
5.2
5.34
V
V = V
or V
I
= 20 A
2 V
0.002
0.1
0.1
0.1
V
V
V = V
or V
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
OL
6 V
0.001
0.1
0.1
0.1
V
OL
IIH
IL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
2 V to 6 V
3
10
10
10
pF
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC393
SN74HC393
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
f
Clock frequency
2 V
6
4.2
5
MHz
fclock
Clock frequency
4.5 V
31
21
25
MHz
clock
6 V
36
25
28
t
Pulse duration
CLK high or low
2 V
80
120
100
ns
t
Pulse duration
CLK high or low
4.5 V
16
24
20
ns
tw
Pulse duration
6 V
14
20
18
ns
tw
Pulse duration
CLR high
2 V
80
120
100
ns
CLR high
4.5 V
16
24
20
6 V
14
20
18
t
Setup time, CLR inactive
2 V
25
25
25
ns
tsu
Setup time, CLR inactive
4.5 V
5
5
5
ns
su
6 V
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com