Electronic Components Datasheet Search
  English  ▼

X  

HC393 Datasheet(PDF) 5 Page - Texas Instruments

Part # HC393
Description  DUAL 4-BIT BINARY COUNTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC393 Datasheet(HTML) 5 Page - Texas Instruments

  HC393 Datasheet HTML 1Page - Texas Instruments HC393 Datasheet HTML 2Page - Texas Instruments HC393 Datasheet HTML 3Page - Texas Instruments HC393 Datasheet HTML 4Page - Texas Instruments HC393 Datasheet HTML 5Page - Texas Instruments HC393 Datasheet HTML 6Page - Texas Instruments HC393 Datasheet HTML 7Page - Texas Instruments HC393 Datasheet HTML 8Page - Texas Instruments HC393 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54HC393, SN74HC393
DUAL 4-BIT BINARY COUNTERS
SCLS143D – DECEMBER 1982 – REVISED JULY 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC393
SN74HC393
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CLK
Q
2 V
6
10
4.2
5
MHz
fmax
CLK
QA
4.5 V
31
50
21
25
MHz
max
A
6 V
36
60
25
28
t
CLK
Q
2 V
50
120
180
150
ns
t
CLK
QA
4.5 V
15
24
36
30
ns
t
CLK
A
6 V
13
20
31
26
ns
t
CLK
Q
2 V
72
190
285
240
ns
t
CLK
QB
4.5 V
22
38
57
47
ns
tpd
CLK
B
6 V
18
32
48
40
ns
tpd
CLK
Q
2 V
91
240
360
300
ns
QC
4.5 V
28
48
72
60
C
6 V
22
41
61
51
Q
2 V
100
290
430
360
QD
4.5 V
32
58
87
72
D
6 V
24
50
74
62
t
CLR
Any
2 V
45
165
250
205
ns
tPHL
CLR
Any
4.5 V
17
33
49
41
ns
PHL
6 V
14
28
42
35
t
Any
2 V
28
75
110
95
ns
tt
Any
4.5 V
8
15
22
19
ns
t
6 V
6
13
19
16
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per counter
No load
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com