Electronic Components Datasheet Search
  English  ▼

X  

100001237 Datasheet(PDF) 3 Page - Turck, Inc.

Part # 100001237
Description  Pressure Transmitter – With Voltage Output (3-Wire)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

100001237 Datasheet(HTML) 3 Page - Turck, Inc.

  100001237 Datasheet HTML 1Page - Turck, Inc. 100001237 Datasheet HTML 2Page - Turck, Inc. 100001237 Datasheet HTML 3Page - Turck, Inc. 100001237 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
3|4
Technical data
 
0…5000  psi
 
0…34.47  MPa
Admissible overpressure
≤ 1200 bar
Burst pressure
≥ 2400 bar
Response time
< 2 ms, typ. 1 ms
Long-term stability
0.25  % FS, according to IEC EN 60770-1
Power supply
 
Operating voltage
7…33  VDC
Current consumption
≤ 7  mA
Short-circuit/reverse polarity protection
yes / yes
Protection type and class
IP67 / III
Insulation voltage
750  VDC
Outputs
 
Output 1
Analog output
Output function
Analog output voltage
Analog output
Voltage output
0…5  V
Load
≤ 100 nF/>10  kΩ
Resolution
<± 0.1  % FS
Accuracy LHR
±0.3 % FS (typical; max. ±0.5 % FS)
Temperature behaviour
 
Medium temperature
-40…+135  °C
Temperature coefficient
± 0.2 % of full scale/10 K
Environmental conditions
 
Ambient temperature
-30…+85  °C
Storage temperature
-50…+100  °C
Vibration resistance
20 g, 15…2000 Hz, 15…25 Hz with
amplitude ± 15 mm, 1 octave/minute in all
3 directions, 50 continuous loads, acc. to
IEC 68-2-6
Shock resistance
100 g, 11 ms, half sinusoidal curve,
all 6 directions, free fall from 1 m onto
concrete (6x) acc. to IEC 68-2-27
Mechanical data
 
Housing material
Stainless-steel/Plastic, 1.4404 (AISI
316L)/polyarylamide 50 % GF UL 94 V-0
Pressure connection material
Stainless steel 1.4404 (AISI 316L)
Pressure transducer material
Stainless steel 1.4435 (AISI 316L)
Process connection
7/16''-20 UNF male thread



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com