Electronic Components Datasheet Search
  English  ▼

X  

100001237 Datasheet(PDF) 4 Page - Turck, Inc.

Part # 100001237
Description  Pressure Transmitter – With Voltage Output (3-Wire)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

100001237 Datasheet(HTML) 4 Page - Turck, Inc.

  100001237 Datasheet HTML 1Page - Turck, Inc. 100001237 Datasheet HTML 2Page - Turck, Inc. 100001237 Datasheet HTML 3Page - Turck, Inc. 100001237 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
4|4
Technical data
Wrench size pressure connection /
coupling nut
24
Electrical connection
Connector, M12 × 1
Max. tightening torque of housing nut
20 Nm
Reference conditions acc. to IEC
61298-1
 
Temperature
15…+25  °C
Atmospheric pressure
860…1060  hPa abs.
Humidity
45…75  % rel.
Auxiliary power
24 VDC
Tests/approvals
 
Approvals
cULus
UL registration number
E302799
MTTF
1238  years acc. to SN 29500 (Ed. 99) 40
°C
Included in delivery
FKM O-ring special (1 pc)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com