Electronic Components Datasheet Search
  English  ▼

X  

BCT574 Datasheet(PDF) 4 Page - Texas Instruments

Part # BCT574
Description  OCTAL TRANSPARENT D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BCT574 Datasheet(HTML) 4 Page - Texas Instruments

  BCT574 Datasheet HTML 1Page - Texas Instruments BCT574 Datasheet HTML 2Page - Texas Instruments BCT574 Datasheet HTML 3Page - Texas Instruments BCT574 Datasheet HTML 4Page - Texas Instruments BCT574 Datasheet HTML 5Page - Texas Instruments BCT574 Datasheet HTML 6Page - Texas Instruments BCT574 Datasheet HTML 7Page - Texas Instruments BCT574 Datasheet HTML 8Page - Texas Instruments BCT574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN54BCT574, SN74BCT574
OCTAL TRANSPARENT D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS074C – SEPTEMBER 1991 – REVISED MARCH 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54BCT574
SN74BCT574
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
77
77
77
MHz
tPLH
CLK
Q
2.2
6.5
8.6
2.2
11.2
2.2
10
ns
tPHL
CLK
Q
2.8
6.1
8
2.8
9.7
2.8
8.9
ns
tPZH
OE
Q
2.5
6.4
8.1
2.5
10.9
2.5
10.4
ns
tPZL
OE
Q
3.7
7.3
9.2
3.7
11.3
3.7
10.9
ns
tPHZ
OE
Q
1
4.4
7.4
1
8
1
7.5
ns
tPLZ
OE
Q
1.3
4.2
5.8
1.3
7.1
1.3
6.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com