Electronic Components Datasheet Search
  English  ▼

X  

BCT574 Datasheet(PDF) 3 Page - Texas Instruments

Part # BCT574
Description  OCTAL TRANSPARENT D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BCT574 Datasheet(HTML) 3 Page - Texas Instruments

  BCT574 Datasheet HTML 1Page - Texas Instruments BCT574 Datasheet HTML 2Page - Texas Instruments BCT574 Datasheet HTML 3Page - Texas Instruments BCT574 Datasheet HTML 4Page - Texas Instruments BCT574 Datasheet HTML 5Page - Texas Instruments BCT574 Datasheet HTML 6Page - Texas Instruments BCT574 Datasheet HTML 7Page - Texas Instruments BCT574 Datasheet HTML 8Page - Texas Instruments BCT574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN54BCT574, SN74BCT574
OCTAL TRANSPARENT D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS074C – SEPTEMBER 1991 – REVISED MARCH 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54BCT574
SN74BCT574
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High-level output current
–12
–15
mA
IOL
Low-level output current
48
64
mA
TA
Operating free-air temperature
–55
125
0
70
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT574
SN74BCT574
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
IOH = –3 mA
2.4
3.3
2.4
3.3
VOH
VCC = 4.5 V
IOH = –12 mA
2
3.2
V
IOH = –15 mA
2
3.1
VOL
VCC =4 5V
IOL = 48 mA
0.38
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
II
VCC = 5.5 V,
VI = 5.5 V
0.4
0.4
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
–0.6
–0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
–100
–225
–100
–225
mA
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–50
–50
µA
ICCL
VCC = 5.5 V,
Outputs open
38.1
62
38.1
62
mA
ICCH
VCC = 5.5 V,
Outputs open
4.9
8
4.9
8
mA
ICCZ
VCC = 5.5 V,
Outputs open
4.5
8
4.9
8
mA
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
5.5
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
7.5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
SN54BCT574
SN74BCT574
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
77
77
77
MHz
tw
Pulse duration, CLK high or low
6.5
6.5
6.5
ns
t
Setup time data before CLK
↑
High
4.5
4.5
4.5
ns
tsu
Setup time, data before CLK
↑
Low
6
6
6
ns
th
Hold time, data after CLK
↑
High or low
0
1
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com