Electronic Components Datasheet Search
  English  ▼

X  

SCT1275CS Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SCT1275CS
Description  75A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SCT1275CS Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SCT1275CS Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SCT1275CS Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SCT1275CS Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SCT1275CS Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SCT1275CS Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Data Sheet N2046, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SCT1275CS
FIG.1: Maximum power dissipation versus RMS
on-state current
FIG.2: RMS on-state current versus case
temperature
IT(RMS) (A)
P(w)
0
10
20
30
40
50
60
70
80
90
IT(RMS) (A)
Tc (℃)
0
0
25
50
75
100
125
80
100
120
40
80
60
120
100
20
40
20
60
α=180°
TO-247S
Marking Diagram
Mechanical Dimensions TO-247S
SYMBOL
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.1
16.1
0.594
0.634
B
19.8
20.8
0.78
0.819
C
13.8
14.8
0.543
0.583
D
3.00
4.00
0.118
0.157
E
2.75
3.35
0.108
0.132
F
1.30
1.50
0.051
0.059
G
5.10
5.80
0.201
0.228
H
4.50
5.50
0.177
0.217
J
1.45
2.15
0.057
0.085
K
1.90
2.80
0.075
0.110
L
0.55
0.80
0.022
0.031
P
2.00
2.40
0.079
0.094
Ratings and Characteristics Curves
Where XXXXX is YYWWL
SCT1275CS
= Part name
YY
= Year
WW
= Week
L
= Lot Number



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com