Electronic Components Datasheet Search
  English  ▼

X  

SCT1275CS Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SCT1275CS
Description  75A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SCT1275CS Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SCT1275CS Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SCT1275CS Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SCT1275CS Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SCT1275CS Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SCT1275CS Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N2046, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SCT1275CS
SCT1275CS 75A SCRs
Circuit Diagram
Description
Maximum Ratings
Characteristics
Symbol
Condition
Max.
Units
Storage junction temperature range
Tstg
-
-40-150
℃
Operating junction temperature range
Tj
-
-40-125
℃
Repetitive peak off-state voltage(Tj=25℃)
VDRM
-
1200
V
Repetitive peak reverse voltage(Tj=25℃)
VRRM
-
1200
V
Non repetitive surge peak Off-state voltage
VDSM
-
VDRM +100
V
Non repetitive peak reverse voltage
VRSM
-
VRRM +100
V
RMS on-state current
I(TRMS)
TO-247S(TC=90℃)
75
A
Non repetitive surge peak on-state current
(tp=10ms)
ITSM
-
800
A
I2t value for fusing (tp=10ms)
I2t
-
3200
A2s
Critical rate of rise of on-state current
(IG=2×IGT)
dI/dt
-
150
A/μs
Peak gate current
IGM
-
4
A
Average gate power dissipation
PG(AV)
-
1
W
Peak gate power
PGM
-
5
W
With high ability to withstand the shock loading of large current, SCT1275CS provide high dv/dt rate with high frequency
noise immunity. Products are especially recommended for use on solid state relay, motorcycle, power charger, T-tools
etc.
TO-247S


Similar Part No. - SCT1275CS

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
logo
SMC Diode Solutions Co....
SCT1216C SMCDIODE-SCT1216C Datasheet
449Kb / 6P
16A SCRs
Rev.A
SCT1216E SMCDIODE-SCT1216E Datasheet
449Kb / 6P
16A SCRs
Rev.A
SCT1216ETR SMCDIODE-SCT1216ETR Datasheet
449Kb / 6P
16A SCRs
Rev.A
SCT1225A SMCDIODE-SCT1225A Datasheet
470Kb / 6P
25A SCRs
Rev.C
More results

Similar Description - SCT1275CS

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
US108S UTC-US108S_11 Datasheet
131Kb / 3P
SCRS
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
JIEJIE MICROELECTRONICS...
JCT1675 JIEJIE-JCT1675 Datasheet
272Kb / 4P
75A SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com