Electronic Components Datasheet Search
  English  ▼

X  

B65857 Datasheet(PDF) 1 Page - EPCOS

Part # B65857
Description  EPX 7/9 For xDSL-line transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65857 Datasheet(HTML) 1 Page - EPCOS

  B65857 Datasheet HTML 1Page - EPCOS B65857 Datasheet HTML 2Page - EPCOS B65857 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
281 08/01
I For xDSL-line transformer
I Foot print of EP7
I Height of EP13
I Optimized design for low distortion
I EPX cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 0,88 mm–1
le
= 15,6 mm
Ae
= 17,7 mm2
Amin = 13,9 mm2
Ve
= 276 mm3
Approx. weight 2,8 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µe
Ordering code
T38
63
± 3 %
0,35
44
B65857-A63-A38
100
± 3 %
0,22
70
B65857-A100-A38
160
± 4 %
0,14
112
B65857-A160-B38
200
± 4 %
0,11
140
B65857-A200-B38
250
± 5 %
0,09
175
B65857-A250-J38
315
± 6 %
0,06
220
B65857-A315-C38
400
± 7 %
0,05
280
B65857-A400-E38
T57
63
± 3 %
0,35
44
B65857-A63-A57
100
± 3 %
0,22
70
B65857-A100-A57
160
± 4 %
0,14
112
B65857-A160-B57
200
± 4 %
0,11
140
B65857-A200-B57
250
± 5 %
0,09
175
B65857-A250-J57
315
± 6 %
0,06
220
B65857-A315-C57
400
± 7 %
0,05
280
B65857-A400-E57
Material
AL value
nH
µe
Ordering code
T57
2600 + 30/– 20 %
1830
B65857-A-R57
T38
9000 + 40/– 30 %
6290
B65857-A-Y38
FEP0008-O
9,4
7,2+0,4
0,4
_
3,4 0,2
_
4,5
gapped (one-sided)
∗)
B65857
Core
EPX 7/9
Preliminary data


Similar Part No. - B65857

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65857A EPCOS-B65857A Datasheet
213Kb / 6P
Ferrites and accessories
B65857A EPCOS-B65857A Datasheet
283Kb / 9P
Ferrites and accessories
logo
TDK Electronics
B65857A TDK-B65857A Datasheet
138Kb / 8P
Ferrites and accessories
logo
EPCOS
B65857A0000R045 EPCOS-B65857A0000R045 Datasheet
213Kb / 6P
Ferrites and accessories
B65857A0000R045 EPCOS-B65857A0000R045 Datasheet
283Kb / 9P
Ferrites and accessories
More results

Similar Description - B65857

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65859 EPCOS-B65859 Datasheet
98Kb / 3P
EPX 10 For xDSL-line transformer
logo
Rhombus Industries Inc.
T-885G RHOMBUS-IND-T-885G Datasheet
35Kb / 1P
xDSL Transformer
T-1188G RHOMBUS-IND-T-1188G Datasheet
41Kb / 1P
xDSL Transformer
logo
XFMRS Inc.
XF0144-EP16S XFMRS-XF0144-EP16S Datasheet
56Kb / 1P
XDSL TRANSFORMER
logo
LinkCom Manufacturing C...
LAL0520-60 LINKCOM-LAL0520-60 Datasheet
69Kb / 1P
xDSL Transformer
LAL0562-80 LINKCOM-LAL0562-80 Datasheet
67Kb / 1P
xDSL Transformer
LAL0562-88 LINKCOM-LAL0562-88 Datasheet
71Kb / 1P
xDSL Transformer
LAL0576-60 LINKCOM-LAL0576-60 Datasheet
71Kb / 1P
xDSL Transformer
LAL1038-60R LINKCOM-LAL1038-60R Datasheet
72Kb / 1P
xDSL Transformer
LAL2200-50 LINKCOM-LAL2200-50 Datasheet
127Kb / 1P
xDSL Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com